Electronic Components Datasheet Search
  English  ▼

X  

UBX-310 Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # UBX-310
Description  Intelligent Compact Fanless BOX PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UBX-310 Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  UBX-310 Datasheet HTML 1Page - Advantech Co., Ltd. UBX-310 Datasheet HTML 2Page - Advantech Co., Ltd. UBX-310 Datasheet HTML 3Page - Advantech Co., Ltd. UBX-310 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Digital Signage Player
Fully- Integrated I/O
UBX-310
USB2.0
Power LED
MIC IN
VGA
COM2
COM4
LAN
RJ11
DC-IN
USB 3.0
HDD LED
Power Button
LINE OUT
HDMI
USB 2.0
Power Button
UBX-310F
Ordering Information
PN
Description
UBX-310D-L0B0E
Intel Baytrail J1900 Fanless Mini Box PC w/o RAM and Stroage
UBX-310D-F0B0E
Intel Baytrail J1900 Fanless Mini Box PC with extended IO configration, w/o RAM and Stroage
UBX-310D-L0U0E
Intel Baytrail J1900 Fanless Mini Box PC w/o RAM and Stroage, special for USA
UBX-310F-I3B00
Intel Skylake Core i3 6100U Fanless Mini Box PC w/o RAM and Stroage
UBX-310F-I5B00
Intel Skylake Core i5 6300U, Fanless Mini PC w/o RAM and Stroage
Accessory
Accesory
Part Number
Description
Memory
AQD-D3L8GR16-SG
8G R-DDR3-1600 1.35V&1.5V 512X8 SAM
AQD-D3L4GR16-SG
4G R-DDR3-1600 1.35V&1.5V 512X8 SAM
AQD-D4U4GR24-SG
4G R-DDR4-2400 1.2V 512X8 SAM
AQD-D4U8GR24-SE
8G R-DDR4-2400 1.2V1GX8 SAM
AQD-D4U16R24-SE
16G R-DDR4-2400 1.2V 1GX8 SAM
Storage
SQF-S25M4-64G-SBC
SQF 2.5" SATA SSD 640 64G MLC (0~70°C)
SQF-S25M4-128G-SBC
SQF 2.5" SATA SSD 640 128G MLC (0~70°C)
SQF-S25M4-256G-SBC
SQF 2.5" SATA SSD 640 256G MLC (0~70°C)
SQF-S25V2-64G-SBC
SQF 2.5" SATA SSD 640 64G 3D TLC (BiCS3) (0~70°C)
SQF-S25V2-128G-SBC
SQF 2.5" SATA SSD 640 128G 3D TLC (BiCS3) (0~70°C)
SQF-S25V4-256G-SBC
SQF 2.5" SATA SSD 640 256G 3D TLC (BiCS3) (0~70°C)
SQF-S25V2-64GCSBC
SQF 2.5" SATA SSD 640-C 64G 3D TLC (BiCS4) (0~70°C)
SQF-S25V2-128GCSBC
SQF 2.5" SATA SSD 640-C 128G 3D TLC (BiCS4) (0~70°C)
SQF-S25V2-256GCSBC
SQF 2.5" SATA SSD 640-C 256G 3D TLC (BiCS4) (0~70°C)
96ND500G-ST-SG5KA1
SEAGATE 500G 2.5" SATAIII 5KRPM 16M(G)24*7
SQF-SMSM4-64G-S9C
SQF MSATA 630 64G MLC (0~70°C)
SQF-SMSM4-32G-S9C
SQF MSATA 630 32G MLC (0~70°C)
Wifi Module
EWM-W157H01E
802.11 a/b/g/n/ac, Realtek RTL8821AE, WiFi 1T1R, BT4.0, Half-size Mini PCIe Card
1750005885*2
WiFi Coaxial Cable, 230 mm
1750002842*2
WiFi 2.4 GHz and 5 GHz dipole Antenna
1930003278*1
Screw M2*3L F/S D=3.5 H=0.8 + ST BNi NK
9656EWMG00E
Half-size to Full-size Mini PCIe Bracket Pack
1750008717-01*2
Dipole Ant. D.B 2.4/5G WIFI 3dBi SMA/M-R BLK(outer antenna)
Power Cord
96CB-POWER-B-1.8MA
Power Cord(China), 3P 1.8M, BK(CCC)
17AP164900518011
Power Cord CEE 7/16+C13 10A/16A 250V L1.8M(CE)
1700013977
Power Cord 10A 250V 3P 180/90 CCC 200cm(CCC)
1702002600
Power Cord 3P UL/CSA 10A 125V 1.83M 180D(USA)
1702002605
Power Cord 2P FRANCE 10A 250V 1.83M 90D(EU)
1700001714
Power Cord BSMI 3P 7A 125V 18AWG 180CM(BSMI)
1700000237
Power Cord 3P PSE 12A 125V 1.83M(Japan)
1700018704
Power Cord BSI 3P 10A 250V 180cm(UK)
Mount Kit
HIP-33B-MOUNT1E
VESA MOUNT for UBX-310
Windows OS
for UBX-310F
2070015073
Image POSReady7 UBX-310F V1.00 3MUI 64Bit
2070015074
Image WIN7PSP1 UBX-310F V1.00 3MUI 64Bit
2070015075
Img WIN10 LTSB-6(I3I5) UBX-310F V1.00 3MUI 64Bit
Windows OS
for UBX-310D
2070014259
Image PODREADY7 UBX-310D V1.00 ENG CHS 32Bit
2070014374
Image WES7P UBX-310D V1.00 ENG CHS 64Bit
2070014375
Image WES7P UBX-310D V1.00 ENG CHS 32Bit
2070014571
img Win7Pro UBX-310D X32 V1.0 SimpChn (ChinaBP)
2070015072
Image WES7P UBX-310D V1.00 3MUI 64Bit
20708WX6ES0006
Img WIN10 LTSB-6-U UBX-310D V1.00 7MUI 64Bit
20708WX9ES0028
Img WIN10 LTSC-9-U-E UBX-310D V1.00 7MUI 64bit
Notes : Can support UBuntu 18.04 or higher by request
Mounting Kit
Mounting
Part Number
Description
Wall Mount
1960073138N101*2
VESA SUPPORT FOR UBX-310D(BLACK 7C)
1930030500*4
S/S D=5.0 H=1 120˚(2+) M3*5L ST Ni
VESA Mount
1950020055N001*1
VESA BRACKET ASSY FOR UBX-310D(BLACK 7C)
1960073138N101*2
VESA SUPPORT FOR UBX-310D(BLACK 7C)
1930030500*8
S/S D=5.0 H=1 120˚(2+) M3*5L ST Ni
COM1
COM3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com