Electronic Components Datasheet Search
  English  ▼

X  

UBX-310 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UBX-310
Description  Intelligent Compact Fanless BOX PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UBX-310 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UBX-310 Datasheet HTML 1Page - Advantech Co., Ltd. UBX-310 Datasheet HTML 2Page - Advantech Co., Ltd. UBX-310 Datasheet HTML 3Page - Advantech Co., Ltd. UBX-310 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Digital Signage Player
Features
UBX-310
Intelligent Compact Fanless BOX PC
ƒ
Equipped with DeviceOn/iService software remote device management
ƒ
Embedded in Intel Bay Trail J1900/Skylake Core i3/i5 processor
ƒ
Compact design with 45mm in height
ƒ
Easy/quick installation for additional peripherals and expanded modular
ƒ
Support 1 x 2.5" SATA HDD Bay and 1 mSATA
ƒ
Multiple IO ports is suitable for variety of applications.
ƒ
Lockable DC jack design
ƒ
Support wall/VESA mount
ƒ
Supports WISE-PaaS/RMM and Embedded Software APIs
Introduction
UBX-310, an intelligent, fanless embedded system powered by Intel® Celeron™ J1900/Skylake Core i3/i5 low power processor with multiple I/O interface. Fanless design can provide
the user quiet operation environment and reduce the failure rate. These low-power platforms provide energy-efficient and environmentally responsible solutions, compact and fanless
design and serve applications targeted at factory automation, machine automation,retail, kiosks, and self-service applications.
Moreover, UBX-310 is equipped with Advantech’s DeviceOn/iService software, which is a next-generation unified device management solution based on the WISE-DeviceOn platform.
With support for batch operations and multi-device control, DeviceOn/iService enables easy device configuration and deployment for convenient remote device management
Specifications
UBX-310D-L0B0E
UBX-310D-F0B0E
UBX-310F-I3B00
UBX-310F-I5B00
Processor
CPU
Baytrail J1900
Core i3-6100U
Core i5-6300U
Max Speed
2.0GHZ,Turbe Boost up to 2.42GHZ
2.3GHZ
2.4GHZ
Memory
Technology
Single channel DDR3L 1333 MHz SDRAM
Single channel DDR4 2133 MHz SDRAM
Max Capacity
Up to 8GB
Up to 16GB
Socket
1 x 204-pin SO-DIMM
1 x 260-pin S0-DIMM
Graphic
Capacity
Integrated Intel® HD Graphics Engine
HDMI
Max. resolution 1920 x 1200 @ 60 Hz
Max. resolution 3840 x 2160 @30Hz
VGA
Up to SXGA 2560 x 1600 @ 60 Hz
Up to SXGA 2048 x 1152 @ 60 Hz
Ethernet
Interface
10/100/1000 Mbps
10/100/1000 Mbps
Controller
Realtek RTL8111E GbE LAN
I219LM/I211AT GbE LAN
Audio
Interface
Realtek ALC269
Realtek ALC892
Front IO
USB2.0
1
1
1
USB3.0
NA
1
NA
Serial
NA
3
NA
Rear IO
VGA
1
1
HDMI
1
1
RJ-45
1
2
USB
4 x USB2.0
4 x USB3.0, 2 x USB2.0
Serial
3, COM3 support 5V/12V power by order
4, COM1&COM2 support 5V/12V Power, COM2 support
RS232/422/485 by order
LPT
1
NA
RJ11
1, cash drawer default 24V
1, cash drawer default 12V
Audio
1 x Line-out, 1 x Mic-in
1 x Line-out, 1 x Mic-in
DC Jack
1
1
Expansion
Mini PCIe
1 x F/S MiniPCIe
2 x F/S MiniPCIe
Storage
SATA3.0
1 x 2.5-inch SATA 2.0 HDD/SSD (7mm height)
1 x 2.5-inch SATA3.0 HDD/SSD (7mm height)
mSATA
1
2
Power
Requirment
ATX Mode, AC to DC, DC 12V/5A, 60W
Miscellaneous
Dimension (L x W x H)
245 x 185 x 45 mm
Weight
2.0kg
Mounting Mode
Accessories
Wall /VESA mount
Software
OS
Win7, Win10, POSReady7, Linux
Environment
Operating Temperature
0 ~ 40 °C
Storage Temperature
-40 ~ 85 °C (-40 ~ 185 °F)
Relative Humidity
90% @ 40 °C (non-condensing)
Vibration during operation
With HDD:0.5Grms, IEC 60068-2-64, random 5-500HZ, 3 axes, 1hr/axis
Shock during operation
With HDD:10 G, IEC 60068-2-27, half sine, 11 ms
duration
Certifaction
CCC/BSMI/CE/FCC/UL/CB
Notes : UBX-310 doesn’t support WIFI and BT function in Europe Area.
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 8-Dec-2021


Similar Part No. - UBX-310

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UBX-310UDS1-G1E-C ADVANTECH-UBX-310UDS1-G1E-C Datasheet
1Mb / 3P
Increasing Shopper Engagement and Sales
UBX-310UST-G1E-C ADVANTECH-UBX-310UST-G1E-C Datasheet
2Mb / 2P
Edge Intelligence Server
UBX-310UST-G1E-C ADVANTECH-UBX-310UST-G1E-C Datasheet
2Mb / 5P
UShop EIS is an intelligent sever system designed for future retail store management.
12-Jan-2018
UBX-310UST-G1E-C ADVANTECH-UBX-310UST-G1E-C_V01 Datasheet
2Mb / 5P
UShop EIS is an intelligent sever system designed for future retail store management.
12-Jan-2018
More results

Similar Description - UBX-310

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-1360 ADVANTECH-ARK-1360_11 Datasheet
2Mb / 2P
Fanless, ultra compact embedded box IPC
UTX-3115 ADVANTECH-UTX-3115_15 Datasheet
1Mb / 2P
Intel짰 Atom??E3826 with Dual Giga LAN Fanless Compact Box PC
logo
Contec Co., Ltd
BX-220 CONTEC-BX-220 Datasheet
299Kb / 3P
BOX-PC Fanless, Atom E3845 1.91GHz
BX-S3000P2 CONTEC-BX-S3000P2 Datasheet
13Mb / 2P
Fanless BOX-PC
logo
Beckhoff Automation Gmb...
C6015 BECKHOFF-C6015 Datasheet
101Kb / 2P
Fanless ultra-compact Industrial PC
C6017 BECKHOFF-C6017 Datasheet
105Kb / 2P
Fanless ultra-compact Industrial PC
C6027 BECKHOFF-C6027 Datasheet
126Kb / 2P
Fanless ultra-compact Industrial PC
logo
AAEON Technology
BOXER-8221AI AAEON-BOXER-8221AI Datasheet
393Kb / 2P
AI@Edge Compact Fanless Embedded BOX PC with NVIDIA Jetson Nano
2022/05/31
BOXER-8223AI AAEON-BOXER-8223AI Datasheet
475Kb / 2P
AI@Edge Compact Fanless Embedded BOX PC with NVIDIA Jetson Nano
2022/07/29
BOXER-8521AI AAEON-BOXER-8521AI Datasheet
465Kb / 2P
AI@Edge Compact Fanless Embedded BOX PC with Google Edge TPU
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com