Electronic Components Datasheet Search
  English  ▼

X  

REF35-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # REF35-Q1
Description  REF35-Q1 Ultra Low-Power, High-Precision Voltage Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF35-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  REF35-Q1 Datasheet HTML 1Page - Texas Instruments REF35-Q1 Datasheet HTML 2Page - Texas Instruments REF35-Q1 Datasheet HTML 3Page - Texas Instruments REF35-Q1 Datasheet HTML 4Page - Texas Instruments REF35-Q1 Datasheet HTML 5Page - Texas Instruments REF35-Q1 Datasheet HTML 6Page - Texas Instruments REF35-Q1 Datasheet HTML 7Page - Texas Instruments REF35-Q1 Datasheet HTML 8Page - Texas Instruments REF35-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
5 Device Comparison
PRODUCT
VREF
REF35120QDBVRQ1 (1)
1.2 V
REF35125QDBVRQ1 (1)
1.25 V
REF35180QDBVRQ1
1.8 V
REF35205QDBVRQ1 (1)
2.048 V
REF35250QDBVRQ1 (1)
2.5 V
REF35300QDBVRQ1
3.0 V
REF35330QDBVRQ1 (1)
3.3 V
REF35409QDBVRQ1 (1)
4.096 V
REF35500QDBVRQ1 (1)
5.0 V
(1)
Product preview. Contact local TI support for samples.
6 Pin Configuration and Functions
Not to scale
VREF
NR
VIN
GND
GND
EN
1
2
3
6
5
4
Figure 6-1. Package
6-Pin DBV
Top View
Table 6-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
DBV
GND
1
Ground
Device ground connection
GND
2
Ground
Device ground connection
EN
3
Input
Enable connection. Enables or disables the device.
VIN
4
Power
Input supply voltage connection
NR
5
Output
Noise reduction pin. Connect a capacitor to reduce noise.
VREF
6
Output
Reference voltage output
www.ti.com
REF35-Q1
SNAS845 – AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: REF35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com