Electronic Components Datasheet Search
  English  ▼

X  

REF35-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # REF35-Q1
Description  REF35-Q1 Ultra Low-Power, High-Precision Voltage Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF35-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF35-Q1 Datasheet HTML 6Page - Texas Instruments REF35-Q1 Datasheet HTML 7Page - Texas Instruments REF35-Q1 Datasheet HTML 8Page - Texas Instruments REF35-Q1 Datasheet HTML 9Page - Texas Instruments REF35-Q1 Datasheet HTML 10Page - Texas Instruments REF35-Q1 Datasheet HTML 11Page - Texas Instruments REF35-Q1 Datasheet HTML 12Page - Texas Instruments REF35-Q1 Datasheet HTML 13Page - Texas Instruments REF35-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VIN = VEN = VREF + 0.3 V, IL = 0 mA, CL = 10 µF, CIN = 0.1 µF (unless otherwise noted)
Temperature (
C)
-40
-7
26
59
92
125
0
40
80
120
160
200
IL = 10 mA
IL = 5 mA
IL = 1 mA
IL = 0.1 mA
IL = 0 mA
Figure 7-25. Dropout Voltage vs Free-Air Temperature
Solder Heat Shift %
0
12
24
36
48
60
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
Figure 7-26. Solder Heat Shift Distribution
Time (hr)
0
200
400
600
800
1000
-200
-100
0
100
200
Figure 7-27. Long Term Stability - 1000 hours (VREF)
REF35-Q1
SNAS845 – AUGUST 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: REF35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com