Electronic Components Datasheet Search
  English  ▼

X  

RT9758WSC Datasheet(PDF) 39 Page - Richtek Technology Corporation

Part # RT9758WSC
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758WSC Datasheet(HTML) 39 Page - Richtek Technology Corporation

Back Button RT9758WSC Datasheet HTML 35Page - Richtek Technology Corporation RT9758WSC Datasheet HTML 36Page - Richtek Technology Corporation RT9758WSC Datasheet HTML 37Page - Richtek Technology Corporation RT9758WSC Datasheet HTML 38Page - Richtek Technology Corporation RT9758WSC Datasheet HTML 39Page - Richtek Technology Corporation RT9758WSC Datasheet HTML 40Page - Richtek Technology Corporation RT9758WSC Datasheet HTML 41Page - Richtek Technology Corporation RT9758WSC Datasheet HTML 42Page - Richtek Technology Corporation RT9758WSC Datasheet HTML 43Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9758-03
May 2023
www.richtek.com
39
VBAT > 2V ?
VBAT > 3V ?
Yes
No
Yes
VBAT >
3.45V ?
No
No
No
Yes
No
No
Adapter plug in or
Wireless Power in
Yes
Input current
≤ I_TERM ?
VBAT
≥ CV ?
Yes
Terms :
CAL_V :
Voltage of input which is calculated according to requested
Input current, VBAT and resistance of the charging path.
I_TERM :
If Input current level is smaller than this value, terminate this
charging algorithm.
Yes
Switching charger in
trickle charge mode
Switching charger in
pre-charge mode
Switching charger in
fast-cahrge mode
Boot to kernel
Start other charging
algorithms
1. Set protections of RT9758 for DIV2 mode
2. Measure initial input current by switching charger
3. Disable switching charger
4. Set protections of RT9759
Calculate the resistance of the charging path
Increase input current according to VBAT
’s level and
set adapter/wireless power to CAL_V
1. Disable RT9759
2. Disable RT9758
3. Set RT9758 protection for BYPASS mode
Wait for 10 seconds or
RT9759 VBAT_ALM
interrupt triggered
Yes
No
Adapter supports PD PPS
charging (20V Prog) or Wireless
Power supports HV charging ?
Reach desired
charging level?
1. Set input voltage/current limit to desired value
2. Enable RT9758
3. Set input voltage to CAL_V
4. Enable RT9759 to start charging
5. Keep monitoring VBAT
Decrease input current and
set adapter/wireless power to CAL_V
Figure 6. System Control Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com