Electronic Components Datasheet Search
  English  ▼

X  

RT9758WSC Datasheet(PDF) 28 Page - Richtek Technology Corporation

Part # RT9758WSC
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758WSC Datasheet(HTML) 28 Page - Richtek Technology Corporation

Back Button RT9758WSC Datasheet HTML 24Page - Richtek Technology Corporation RT9758WSC Datasheet HTML 25Page - Richtek Technology Corporation RT9758WSC Datasheet HTML 26Page - Richtek Technology Corporation RT9758WSC Datasheet HTML 27Page - Richtek Technology Corporation RT9758WSC Datasheet HTML 28Page - Richtek Technology Corporation RT9758WSC Datasheet HTML 29Page - Richtek Technology Corporation RT9758WSC Datasheet HTML 30Page - Richtek Technology Corporation RT9758WSC Datasheet HTML 31Page - Richtek Technology Corporation RT9758WSC Datasheet HTML 32Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9758-03
May 2023
28
Register Address : 0x0D, Register Name : CTRL_4
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7
VBUS_PD_EN
0
N
Y
RW
VBUS pull down resistor enable bit.
0 : Pull down disable (default)
1 : Pull down enable
6
WRX_PD_EN
0
N
Y
RW
WRX_IN pull down resistor enable bit.
0 : Pull down disable (default)
1 : Pull down enable
5:4
SINGLE_
PHASE_
MODE_EN
11
N
Y
RW
Select phase operation mode only in DIV2 or
reverse DIV2 mode.
It is strongly prohibited during operation. shall
be determined before CHG_EN set 1.
00 : Both A, B operating in synchronization
01 : only Phase A operating
10 : only Phase B operating
11 : Both A, B operating in synchronization
(default)
3
SYNC_SLAVE
_EN
0
N
Y
RW
This bit is only effective in
SYNC_FUNCTION_EN bit = 1.
0 : Master (default)
1 : Slave
2
SYNC_
FUNCTION_
EN
0
N
Y
RW
Enable or disable synchronization function.
0 : Disable (default)
1 : Enable
1:0
Q0_CONTROL
10
Y/N
Y
RW
Enable or disable Q0 MOSFET.
If this bit set 10, Q0 turn on function is only
valid in following conditions:
WRX_IN voltage over than WRX_INSERT
threshold and not exceed VBUS_OVP
threshold with EN pin pull low
If this bit set 11, Q0 turn on function is only
valid in following conditions :
VBUS voltage over than VBUS_INSERT
threshold with EN pin pull low.
If the device operates in bypass mode with
BEHAVIOR_AFTER_WDT bit is 1, this bit will
not be reset by WDT.
00 : Disable (Q0 turn off)
01 : Disable (Q0 turn off)
10 : Enable (Q0 turn on) (default)
11 : Enable (Q0 force turn on)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com