Electronic Components Datasheet Search
  English  ▼

X  

RTQ2531A Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RTQ2531A
Description  500mA, 5.5V, Low Noise Low Dropout Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RTQ2531A Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RTQ2531A Datasheet HTML 9Page - Richtek Technology Corporation RTQ2531A Datasheet HTML 10Page - Richtek Technology Corporation RTQ2531A Datasheet HTML 11Page - Richtek Technology Corporation RTQ2531A Datasheet HTML 12Page - Richtek Technology Corporation RTQ2531A Datasheet HTML 13Page - Richtek Technology Corporation RTQ2531A Datasheet HTML 14Page - Richtek Technology Corporation RTQ2531A Datasheet HTML 15Page - Richtek Technology Corporation RTQ2531A Datasheet HTML 16Page - Richtek Technology Corporation RTQ2531A Datasheet HTML 17Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
RTQ2531A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DSQ2531A-01
October 2022
www.richtek.com
13
Outline Dimension
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.200
0.300
0.008
0.012
D
1.900
2.100
0.075
0.083
D2
Option1
1.150
1.250
0.045
0.049
Option2
1.550
1.650
0.061
0.065
E
1.900
2.100
0.075
0.083
E2
Option1
0.750
0.850
0.030
0.033
Option2
0.850
0.950
0.033
0.037
e
0.500
0.020
L
0.250
0.350
0.010
0.014
W-Type 8SL DFN 2x2 Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com