Electronic Components Datasheet Search
  English  ▼

X  

RTQ2531A Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RTQ2531A
Description  500mA, 5.5V, Low Noise Low Dropout Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RTQ2531A Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RTQ2531A Datasheet HTML 1Page - Richtek Technology Corporation RTQ2531A Datasheet HTML 2Page - Richtek Technology Corporation RTQ2531A Datasheet HTML 3Page - Richtek Technology Corporation RTQ2531A Datasheet HTML 4Page - Richtek Technology Corporation RTQ2531A Datasheet HTML 5Page - Richtek Technology Corporation RTQ2531A Datasheet HTML 6Page - Richtek Technology Corporation RTQ2531A Datasheet HTML 7Page - Richtek Technology Corporation RTQ2531A Datasheet HTML 8Page - Richtek Technology Corporation RTQ2531A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
RTQ2531A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DSQ2531A-01
October 2022
2
Marking Information
68 : Product Code
W : Date Code
68W
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
VIN
Supply input. A 10
F or larger ceramic capacitor is recommended for good noise
bypass and should be placed as close as possible to this pin.
2,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
3
EN
Enable control input. Connecting this pin to logic high enables the regulator, and
driving this pin low puts it into shutdown mode. The device can have VIN and VEN
sequenced in any order without causing damage to the device.
4
GS
Internally Used. Connect GS to GND.
5
POK
Power-OK Output. Open-drain output that goes high when the output is above
91% of the nominal regulation voltage. The pin is pulled to ground when the output
voltage is lower than its specified threshold, EN shutdown, OCP and OTP.
6
FB
Feedback voltage input. This pin is used to set the desired output voltage via an
external resistive divider. The feedback reference voltage is 0.6V typically.
7
BYP
Bypass Input. Connecting a 0.01
F to this output further reduces output noise.
Slew rate = (5V / ms) x (0.01
F / CBYP).
8
VOUT
LDO output pin. A 4.7
F or larger ceramic capacitor (above 2F effective
capacitance) ensures the stability requirement. Place the output capacitor as
close as possible to the device and minimize the impedance between the VOUT
pin and the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com