Electronic Components Datasheet Search
  English  ▼

X  

TPA751 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPA751
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA751 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA751 Datasheet HTML 5Page - Texas Instruments TPA751 Datasheet HTML 6Page - Texas Instruments TPA751 Datasheet HTML 7Page - Texas Instruments TPA751 Datasheet HTML 8Page - Texas Instruments TPA751 Datasheet HTML 9Page - Texas Instruments TPA751 Datasheet HTML 10Page - Texas Instruments TPA751 Datasheet HTML 11Page - Texas Instruments TPA751 Datasheet HTML 12Page - Texas Instruments TPA751 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
TPA751
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
WITH DIFFERENTIAL INPUTS
SLOS336C – DECEMBER 2000 – REVISED OCTOBER 2002
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
10
0
–20
–30
20
30
f – Frequency – kHz
80
–10
180
°
–180
°
Gain
Phase
60
°
–60
°
OPEN-LOOP GAIN AND PHASE
vs
FREQUENCY
1
101
102
103
104
50
40
60
70
140
°
100
°
20
°
– 20
°
–100
°
–140
°
VDD = 3.3 V
RL = Open
Figure 15
10
0
–20
–30
1
20
30
f – Frequency – kHz
80
–10
Gain
Phase
OPEN-LOOP GAIN AND PHASE
vs
FREQUENCY
101
102
103
104
50
40
60
70
VDD = 5 V
RL = Open
180
°
–180
°
60
°
–60
°
140
°
100
°
20
°
– 20
°
–100
°
–140
°
Figure 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com