Electronic Components Datasheet Search
  English  ▼

X  

TPA751 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPA751
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA751 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA751 Datasheet HTML 9Page - Texas Instruments TPA751 Datasheet HTML 10Page - Texas Instruments TPA751 Datasheet HTML 11Page - Texas Instruments TPA751 Datasheet HTML 12Page - Texas Instruments TPA751 Datasheet HTML 13Page - Texas Instruments TPA751 Datasheet HTML 14Page - Texas Instruments TPA751 Datasheet HTML 15Page - Texas Instruments TPA751 Datasheet HTML 16Page - Texas Instruments TPA751 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
TPA751
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
WITH DIFFERENTIAL INPUTS
SLOS336C – DECEMBER 2000 – REVISED OCTOBER 2002
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
bridged-tied load (continued)
For example, a 68-
µF capacitor with an 8-Ω speaker would attenuate low frequencies below 293 Hz. The BTL
configuration cancels the dc offsets, which eliminates the need for the blocking capacitors. Low-frequency
performance is then limited only by the input network and speaker response. Cost and PCB space are also
minimized by eliminating the bulky coupling capacitor.
RL
CC
VO(PP)
VO(PP)
VDD
–3 dB
fc
Figure 24. Single-Ended Configuration and Frequency Response
Increasing power to the load does carry a penalty of increased internal power dissipation. The increased
dissipation is understandable considering that the BTL configuration produces 4
× the output power of a SE
configuration. Internal dissipation versus output power is discussed further in the thermal considerations
section.
BTL amplifier efficiency
The primary cause of linear amplifier inefficiencies is voltage drop across the output stage transistors. There
are two components of the internal voltage drop. One is the headroom or dc voltage drop that varies inversely
to output power. The second component is due to the sinewave nature of the output. The total voltage drop, can
be calculated by subtracting the RMS value of the output voltage from VDD. The internal voltage drop multiplied
by the RMS value of the supply current, IDDrms, determines the internal power dissipation of the amplifier.
An easy-to-use equation to calculate efficiency starts out being equal to the ratio of power from the power supply
to the power delivered to the load. To accurately calculate the RMS values of power in the load and in the
amplifier, the current and voltage waveform shapes must first be understood (see Figure 25).
V(LRMS)
VO
IDD
IDD(RMS)
Figure 25. Voltage and Current Waveforms for BTL Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com