Electronic Components Datasheet Search
  English  ▼

X  

TPA2012D2 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2
Description  2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2012D2 Datasheet(HTML) 5 Page - Texas Instruments

  TPA2012D2 Datasheet HTML 1Page - Texas Instruments TPA2012D2 Datasheet HTML 2Page - Texas Instruments TPA2012D2 Datasheet HTML 3Page - Texas Instruments TPA2012D2 Datasheet HTML 4Page - Texas Instruments TPA2012D2 Datasheet HTML 5Page - Texas Instruments TPA2012D2 Datasheet HTML 6Page - Texas Instruments TPA2012D2 Datasheet HTML 7Page - Texas Instruments TPA2012D2 Datasheet HTML 8Page - Texas Instruments TPA2012D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ti.com
AGND
OUTL+
PGND
INL−
G1
G0
SDR
INL+
AVDD
SDL
OUTR−
INR−
PVDD
OUTR+
OUTL−
INR+
A1
B1
C1
D1
A2
A3
A4
G0
OUTR+
PVDD
PGND
OUTR−
OUTL+
PVDD
PGND
G1
OUTL−
20
19
18
17
16
6
7
8
9
10
1
2
3
4
5
15
14
13
12
11
TPA2012D2
SLOS438C – DECEMBER 2004 – REVISED MARCH 2007
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
QFN
WCSP
INR+
16
D1
I
Right channel positive input
INR-
17
C1
I
Right channel negative input
INL+
20
A1
I
Left channel positive input
INL-
19
B1
I
Left channel negative input
SDR
8
B3
I
Right channel shutdown terminal (active low)
SDL
7
B4
I
Left channel shutdown terminal (active low)
G0
15
C2
I
Gain select (LSB)
G1
1
B2
I
Gain select (MSB)
PVDD
3, 13
A2
I
Power supply (Must be same voltage as AVDD)
AVDD
9
D2
I
Analog supply (Must be same voltage as PVDD)
PGND
4, 12
C4
I
Power ground
AGND
18
C3
I
Analog ground
OUTR+
14
D3
O
Right channel positive differential output
OUTR-
11
D4
O
Right channel negative differential output
OUTL+
2
A3
O
Left channel positive differential output
OUTL-
5
A4
O
Left channel negative differential output
NC
6, 10
N/A
No internal connection
Thermal Pad
Connect the thermal pad of QFN or PWP package to PCB GND
WCSP PIN OUT
RTJ PIN OUT
TOP VIEW
TOP VIEW
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com