Electronic Components Datasheet Search
  English  ▼

X  

TPA2012D2 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2
Description  2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2012D2 Datasheet(HTML) 2 Page - Texas Instruments

  TPA2012D2 Datasheet HTML 1Page - Texas Instruments TPA2012D2 Datasheet HTML 2Page - Texas Instruments TPA2012D2 Datasheet HTML 3Page - Texas Instruments TPA2012D2 Datasheet HTML 4Page - Texas Instruments TPA2012D2 Datasheet HTML 5Page - Texas Instruments TPA2012D2 Datasheet HTML 6Page - Texas Instruments TPA2012D2 Datasheet HTML 7Page - Texas Instruments TPA2012D2 Datasheet HTML 8Page - Texas Instruments TPA2012D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
TPA2012D2
SLOS438C – DECEMBER 2004 – REVISED MARCH 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The TPA2012D2 is capable of driving 1.4 W/Ch at 5 V or 720 mW/Ch at 3.6 V into 8
Ω. The TPA2012D2 is also
capable of driving 4
Ω. The TPA2012D2 is thermally limited in WCSP and may not achieve 2.1 W/Ch for 4 Ω.
The maximum output power in the WCSP is determined by the ability of the circuit board to remove heat. The
output power versus load resistance graph below shows thermally limited region of the WCSP in relation to the
QFN package. The TPA2012D2 provides thermal and short circuit protection.
AVAILABLE OPTIONS
TA
PACKAGE
PART NUMBER
SYMBOL
2 mm x 2 mm, 16-ball WCSP (YZH)
TPA2012D2YZH
AKR
–40
°C to 85°C
4 mm x 4 mm, 20-pin QFN (RTJ)
TPA2012D2RTJ
AKS
over operating free-air temperature (unless otherwise noted)(1)
VALUE
UNIT
In active mode
–0.3 to 6.0
V
VSS
Supply voltage, AVDD, PVDD
In shutdown mode
–0.3 to 7.0
V
VI
Input voltage
–0.3 to VDD + 0.3
V
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Operating junction temperature range
–40 to 150
°C
Tstg
Storage temperature range
–65 to 85
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
TA = 25°C
DERATING
TA = 75°C
TA = 85°C
PACKAGE
POWER RATING(1)
FACTOR
POWER RATING
POWER RATING
RTJ
5.2 W
41.6 mW/
°C
3.12 W
2.7 W
YZH
1.2 W
9.12 mW/
°C
690 mW
600 mW
(1)
This data was taken using 2 oz trace and copper pad that is soldered directly to a JEDEC standard 4-layer 3 in
× 3 in PCB.
MIN
MAX
UNIT
VSS
Supply voltage
AVDD, PVDD
2.5
5.5
V
VIH
High-level input voltage
SDL, SDR, G0, G1
1.3
V
VIL
Low-level input voltage
SDL, SDR, G0, G1
0.35
V
TA
Operating free-air temperature
÷40
85
°C
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com