Electronic Components Datasheet Search
  English  ▼

X  

AD8376 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8376
Description  Ultra Low Distortion IF Dual VGA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8376 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8376 Datasheet HTML 4Page - Analog Devices AD8376 Datasheet HTML 5Page - Analog Devices AD8376 Datasheet HTML 6Page - Analog Devices AD8376 Datasheet HTML 7Page - Analog Devices AD8376 Datasheet HTML 8Page - Analog Devices AD8376 Datasheet HTML 9Page - Analog Devices AD8376 Datasheet HTML 10Page - Analog Devices AD8376 Datasheet HTML 11Page - Analog Devices AD8376 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Preliminary Technical Data
AD8376
Rev PrD | Page 9 of 12
EVALUATION BOARD
Figure 10 shows the schematic of the AD8376 evaluation board.
The silkscreen and layout of the component and circuit sides
are shown in Figure 11 through Figure 14. The board is
powered by a single-supply in the 4. 5 V to 5.5 V range. The
power supply is decoupled by 10 μF and 0.1 μF capacitors at
each power supply pin. Additional decoupling, in the form of a
series resistor or inductor at the supply pins, can also be added.
Table 2 details the various configuration options of the
evaluation board.
The output pins of the AD8376 require supply biasing with
1 μH RF chokes. Both the input and output pins must be ac-
coupled. These pins are converted to single-ended with a pair of
baluns (Mini-Circuits TC3-1T+ and M/A-COM ETC1-1-13).
The baluns at the input, T1 and T2, are used to transform 50 Ω
source impedances to the desired 150 Ω reference levels. The
output baluns, T3 and T4, and the matching components are
configured to provide a 150 Ω to 50 Ω impedance
transformations with insertion losses of about 10 dB.
Figure 16. AD8376 Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com