Electronic Components Datasheet Search
  English  ▼

X  

AD8376 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8376
Description  Ultra Low Distortion IF Dual VGA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8376 Datasheet(HTML) 2 Page - Analog Devices

  AD8376 Datasheet HTML 1Page - Analog Devices AD8376 Datasheet HTML 2Page - Analog Devices AD8376 Datasheet HTML 3Page - Analog Devices AD8376 Datasheet HTML 4Page - Analog Devices AD8376 Datasheet HTML 5Page - Analog Devices AD8376 Datasheet HTML 6Page - Analog Devices AD8376 Datasheet HTML 7Page - Analog Devices AD8376 Datasheet HTML 8Page - Analog Devices AD8376 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD8376
Preliminary Technical Data
Rev PrD | Page 2 of 12
SPECIFICATIONS
VS = 5 V, T = 25°C, RS = RL = 150Ω at 100MHz, 2 V p-p differential output, both channels enabled, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
VOUT < 2 V p-p (5.2dBm)
700
MHz
Slew Rate
TBD
V/nsec
INPUT STAGE
Pins IPA+ and IPA-, IPB+ and IPB-
Maximum Input Swing
For linear operation (AV = -4 dB)
TBD
TBD
V p-p
Differential Input Resistance
Differential
150
Ω
Common-Mode Input Voltage
1.9
V
CMRR
Gain Code = 00000
TBD
dB
GAIN
Amplifier Transconductance
Gain Code = 00000
0.058
0.067
0.076
Ω-1
Maximum Voltage Gain
Gain Code = 00000
20
dB
Minimum Voltage Gain
Gain Code
≥11000
−4
dB
Gain Step Size
From Gain Code 00000 to 11000
0.8
1.0
1.2
dB
Gain Flatness
Gain Code = 00000 over 20% fractional
bandwidth for fC < 200MHz
TBD
dB
Gain Temperature Sensitivity
Gain Code = 00000
TBD
mdB/
°C
Gain Step Response
For VIN = 100mVp-p, Gain Code 10100 to 00000
TBD
ns
OUTPUT STAGE
Pins OPA+ and OPA-, OPB+ and OPB-
Output Voltage Swing
At P1dB, Gain Code = 00000
10
V p-p
Output impedance
Differential
5k/1
Ω/pF
Channel Isolation (Worst Case)
Measured at differential output for differential
input applied to alternate channel
-53
dB
NOISE/HARMONIC PERFORMANCE
46 MHz
Gain Code = 00000
Noise Figure
8.7
dB
Second Harmonic
VOUT = 2 V p-p
-94
dBc
Third Harmonic
VOUT = 2 V p-p
-92
dBc
Output IP3
2 MHz spacing, +3 dBm per tone
50
dBm
Output 1 dB Compression Point
19
dBm
70 MHz
Gain Code = 00000
Noise Figure
8.7
dB
Second Harmonic
VOUT = 2 V p-p
-94
dBc
Third Harmonic
VOUT = 2 V p-p
-92
dBc
Output IP3
2 MHz spacing, +3 dBm per tone
50
dBm
Output 1 dB Compression Point
19
dBm
140 MHz
Gain Code = 00000
Noise Figure
8.7
dB
Second Harmonic
VOUT = 2 V p-p
-86
dBc
Third Harmonic
VOUT = 2 V p-p
-91
dBc
Output IP3
2 MHz spacing, +3 dBm per tone
50
dBm
Output 1 dB Compression Point
19
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com