Electronic Components Datasheet Search
  English  ▼

X  

AD8599 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8599
Description  Dual Ultralow Distortion, Ultralow Noise Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8599 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8599 Datasheet HTML 6Page - Analog Devices AD8599 Datasheet HTML 7Page - Analog Devices AD8599 Datasheet HTML 8Page - Analog Devices AD8599 Datasheet HTML 9Page - Analog Devices AD8599 Datasheet HTML 10Page - Analog Devices AD8599 Datasheet HTML 11Page - Analog Devices AD8599 Datasheet HTML 12Page - Analog Devices AD8599 Datasheet HTML 13Page - Analog Devices AD8599 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8599
Rev. 0 | Page 10 of 16
–50
0
50
15.0
14.8
14.6
14.4
14.2
13.0
TEMPERATURE (°C)
100
150
VOH @ RL = 600Ω
14.0
13.8
13.6
13.4
13.2
VOH @ RL = 2kΩ
Figure 32. Output Voltage High vs. Temperature, VS = ±15 V
–50
0
50
–13.0
–13.5
TEMPERATURE (°C)
100
150
VOL @ RL = 600Ω
VOL @ RL = 2kΩ
–14.0
–14.5
–15.0
Figure 33. Output Voltage Low vs. Temperature, VS = ±15 V
1
10
100
1000
10000
30
25
0
FREQUENCY (kHz)
VS = ±15V
20
15
10
5
VS = ±5V
Figure 34. Maximum Output Swing vs. Frequency
1k
10k
100k
1M
10M
120
100
80
FREQUENCY (Hz)
100M
60
40
20
0
–20
–40
120
100
80
60
40
20
0
–20
–40
GAIN (dB)
PHASE (Degrees)
Figure 35. Gain and Phase vs. Frequency, ±5 V ≤ VS ≤ ±15 V
1k
10k
100k
1M
10M
50
40
30
FREQUENCY (Hz)
100M
GAIN = 1
20
10
0
–10
–20
–40
GAIN = 10
GAIN = 100
–50
–30
Figure 36. Closed-Loop Gain vs. Frequency, ±5 V ≤ VS ≤ ±15 V
1k
10k
100k
1M
10M
70
60
50
FREQUENCY (Hz)
100M
40
30
20
10
0
GAIN = 1
GAIN = 10
GAIN = 100
Figure 37. Closed-Loop Output Impedance vs. Frequency, ±5 V ≤ VS ≤ ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com