Electronic Components Datasheet Search
  English  ▼

X  

AD8599 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8599
Description  Dual Ultralow Distortion, Ultralow Noise Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8599 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8599 Datasheet HTML 8Page - Analog Devices AD8599 Datasheet HTML 9Page - Analog Devices AD8599 Datasheet HTML 10Page - Analog Devices AD8599 Datasheet HTML 11Page - Analog Devices AD8599 Datasheet HTML 12Page - Analog Devices AD8599 Datasheet HTML 13Page - Analog Devices AD8599 Datasheet HTML 14Page - Analog Devices AD8599 Datasheet HTML 15Page - Analog Devices AD8599 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8599
Rev. 0 | Page 12 of 16
10
100
1000
10000
100000
0.1
0.01
0.001
FREQUENCY (Hz)
0.0001
RL = 600Ω
RL = 2kΩ
Figure 44. Total Harmonic Distortion + Noise vs. Frequency, VS = ±15 V,
VIN = 3 V rms
10
100
1000
10000
100000
0.1
0.01
0.001
FREQUENCY (Hz)
0.0001
VIN = 3V rms
VIN = 5V rms
VIN = 7V rms
Figure 45. Total Harmonic Distortion + Noise vs. Frequency
–800 –400
0
400
800
1200 1600 2000 2400
80
40
20
0
–20
–40
–60
TIME (ns)
–80
60
2800 3200
VS = +15V, +5V
VIN = 100mV p-p
AV = 1
EXTERNAL CL = 100pF
EXTERNAL RL = 10kΩ
VERTICAL AXIS = 20mV/DIV
HORIZONTAL AXIS = 400ns/DIV
Figure 46. Small Signal Response
–8.6 –4.6 –0.6
3.4
7.4
11.4 15.4
19.4
23.4
20
10
5
0
–5
–10
–15
TIME (µs)
–20
15
27.4
31.4
VS = +15V
VIN = 20V p-p
AV = 1
RF = 1kΩ
RL = 2kΩ
VERTICAL AXIS = 5V/DIV
HORIZONTAL AXIS = 4µs/DIV
Figure 47. Large Signal Response
–8.6 –4.6 –0.6
3.4
7.4
11.4 15.4
19.4
23.4
20
10
5
0
–5
–10
–15
TIME (µs)
–20
15
27.4
31.4
VS = ±15V
VIN = 20V p-p
AV = –1
RF = 2kΩ
RS = 2kΩ
CL = 0pF
VERTICAL AXIS = 5V/DIV
HORIZONTAL AXIS = 4µs/DIV
Figure 48. Large Signal Response
10
100
1000
45
40
35
CAPACITANCE (pF)
30
25
20
15
10
5
0
Figure 49. Overshoot vs. Capacitance, ±5 V ≤ VS ≤ ±15 V, AV = 1, RL = 10 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com