Electronic Components Datasheet Search
  English  ▼

X  

ILQ32 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ILQ32
Description  Optocoupler, Photodarlington Output, High Gain (Dual, Quad Channel)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ32 Datasheet(HTML) 2 Page - Vishay Siliconix

  ILQ32 Datasheet HTML 1Page - Vishay Siliconix ILQ32 Datasheet HTML 2Page - Vishay Siliconix ILQ32 Datasheet HTML 3Page - Vishay Siliconix ILQ32 Datasheet HTML 4Page - Vishay Siliconix ILQ32 Datasheet HTML 5Page - Vishay Siliconix ILQ32 Datasheet HTML 6Page - Vishay Siliconix ILQ32 Datasheet HTML 7Page - Vishay Siliconix ILQ32 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number 83650
Rev. 1.5, 26-Oct-04
ILD32/ ILQ32
Vishay Semiconductors
Output
Coupler
1) between emitter and detector refer to standard climate 23 °C/50 %RH; DIN 50014
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Parameter
Test condition
Symbol
Value
Unit
Collector-emitter breakdown
voltage
BVCEO
30
V
Collector (load) current
IC
125
mA
Power dissipation
Pdiss
150
mW
Derate linearly from 25°C
2.0
mW/°C
Parameter
Test condition
Part
Symbol
Value
Unit
Isolation test voltage 1)
t = 1.0 sec.
VISO
5300
VRMS
Creepage
≥ 7mm
Clearance
≥ 7mm
Comparative tracking index per
DIN IEC 112/VDE303, part 1
≥ 175
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
1011
Ω
Total dissipation
ILD32
Ptot
400
mW
ILQ32
Ptot
500
mW
Derate linearly from 25 °C
ILD32
5.33
mW/°C
ILQ32
6.67
mW/°C
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Lead soldering time at 260 °C
10
sec.
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 10 mA
VF
1.25
1.5
V
Reverse current
VR = 3.0 V
IR
0.1
100
pF
Capacitance
VR = 0 V
CO
25
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter breakdown
voltage
IC = 100 µA, IF = 0
BVCEO
30
V
Breakdown voltage emitter-
collector
IE = 100 µABCECO
5.0
10
nA
Collector-emitter leakage
current
VCE = 10 V, IF = 0
ICEO
1.0
100
nA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com