Electronic Components Datasheet Search
  English  ▼

X  

ILQ32 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ILQ32
Description  Optocoupler, Photodarlington Output, High Gain (Dual, Quad Channel)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ32 Datasheet(HTML) 4 Page - Vishay Siliconix

  ILQ32 Datasheet HTML 1Page - Vishay Siliconix ILQ32 Datasheet HTML 2Page - Vishay Siliconix ILQ32 Datasheet HTML 3Page - Vishay Siliconix ILQ32 Datasheet HTML 4Page - Vishay Siliconix ILQ32 Datasheet HTML 5Page - Vishay Siliconix ILQ32 Datasheet HTML 6Page - Vishay Siliconix ILQ32 Datasheet HTML 7Page - Vishay Siliconix ILQ32 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number 83650
Rev. 1.5, 26-Oct-04
ILD32/ ILQ32
Vishay Semiconductors
Figure 3. Normalized Non-Saturated and Saturated Collector-
Emitter Current vs. LED Current
Figure 4. Low to High Propagation Delay vs. Collector Load
Resistance and LED Current
Figure 5. High to low Propagation Delay vs. Collector Load
Resistance and LED Current
iild32_03
100
1
.1
.001
.01
.1
1
10
Vce=1V
Vce=10V
IF - LED Current - mA
Ta = 25°C
IF = 10 mA
Vce=10V
Normalized to:
10
iild32_04
0
5
10
15
20
0
20
40
60
80
TA = 25°C, VCC =10V
Vth = 1.5 V
220
Ω
ıˇ
470
Ω
IF - LED Current - mA
100
Ω
1k
Ω
iild32_05
0
5
10
15
20
0
5
10
15
20
100
Ω
1k
Ω
IF - LED Current - mA
TA =25°C
VCC =10V
Vth = 1.5 V
Figure 6. Switching Timing
Figure 7. Switching Schematic
iild32_06
IF
tR
VO
tD
tS
tF
tPHL
tPLH
VTH=1.5 V
iild32_07
VO
RL
VCC=10 V
IF =5 mA
F=10 KHz,
DF=50%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com