Electronic Components Datasheet Search
  English  ▼

X  

IR2301SPbF Datasheet(PDF) 3 Page - International Rectifier

Part # IR2301SPbF
Description  HIGH AND LOW SIDE DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2301SPbF Datasheet(HTML) 3 Page - International Rectifier

  IR2301SPbF Datasheet HTML 1Page - International Rectifier IR2301SPbF Datasheet HTML 2Page - International Rectifier IR2301SPbF Datasheet HTML 3Page - International Rectifier IR2301SPbF Datasheet HTML 4Page - International Rectifier IR2301SPbF Datasheet HTML 5Page - International Rectifier IR2301SPbF Datasheet HTML 6Page - International Rectifier IR2301SPbF Datasheet HTML 7Page - International Rectifier IR2301SPbF Datasheet HTML 8Page - International Rectifier IR2301SPbF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
IR2301(S) & (PbF)
www.irf.com
3
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 1000 pF, TA = 25°C.
Symbol
Definition
Min.
Typ.
Max. Units Test Conditions
ton
Turn-on propagation delay
—
220
300
VS = 0V
toff
Turn-off propagation delay
—
200
280
VS = 0V or 600V
MT
Delay matching, HS & LS turn-on/off
—
0
50
tr
Turn-on rise time
—
130
220
VS = 0V
tf
Turn-off fall time
—
50
80
VS = 0V
nsec
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V, and TA = 25°C unless otherwise specified. The VIL, VIH and IIN parameters are referenced to
COM and are applicable to the respective input leads. The VO, IO and Ron parameters are referenced to COM and are
applicable to the respective output leads: HO and LO.
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VIH
Logic “1” input voltage
2.9
—
—
VCC = 10V to 20V
VIL
Logic “0” input voltage
—
—
0.8
VCC = 10V to 20V
VOH
High level output voltage, VBIAS - VO
—
0.8
1.4
IO = 20 mA
VOL
Low level output voltage, VO
—
0.3
0.6
IO = 20 mA
ILK
Offset supply leakage current
—
—
50
VB = VS = 600V
IQBS
Quiescent VBS supply current
20
60
100
VIN = 0V or 5V
IQCC
Quiescent VCC supply current
50
120
190
VIN = 0V or 5V
IIN+
Logic “1” input bias current
—
5
20
VIN = 5V
IIN-
Logic “0” input bias current
—
—
2
VIN = 0V
VCCUV+
VCC and VBS supply undervoltage positive
3.3
4.1
5
VBSUV+
going threshold
VCCUV-
VCC and VBS supply undervoltage negative
3
3.8
4.7
VBSUV-
negative going threshold
VCCUVH
Hysteresis
0.1
0.3
—
VBSUVH
IO+
Output high short circuit pulsed current
120
200
—
VO = 0V,
PW
≤ 10 µs
IO-
Output low short circuit pulsed current
250
350
—
VO = 15V,
PW
≤ 10 µs
V
µA
mA
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com