Electronic Components Datasheet Search
  English  ▼

X  

IR2301SPbF Datasheet(PDF) 1 Page - International Rectifier

Part # IR2301SPbF
Description  HIGH AND LOW SIDE DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2301SPbF Datasheet(HTML) 1 Page - International Rectifier

  IR2301SPbF Datasheet HTML 1Page - International Rectifier IR2301SPbF Datasheet HTML 2Page - International Rectifier IR2301SPbF Datasheet HTML 3Page - International Rectifier IR2301SPbF Datasheet HTML 4Page - International Rectifier IR2301SPbF Datasheet HTML 5Page - International Rectifier IR2301SPbF Datasheet HTML 6Page - International Rectifier IR2301SPbF Datasheet HTML 7Page - International Rectifier IR2301SPbF Datasheet HTML 8Page - International Rectifier IR2301SPbF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Typical Connection
HIGH AND LOW SIDE DRIVER
Features
• Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage dV/dt immune
• Gate drive supply range from 5 to 20V
• Undervoltage lockout for both channels
• 3.3V, 5V and 15V input logic compatible
• Matched propagation delay for both channels
• Logic and power ground +/- 5V offset.
• Lower di/dt gate driver for better noise immunity
• Outputs in phase with inputs
• Also available LEAD-FREE (PbF)
Packages
IR2301(S) & (PbF)
8 Lead PDIP
IR2301
8 Lead SOIC
IR2301S
www.irf.com
1
IR2301
V
CC
V
B
V
S
HO
LO
COM
HIN
LIN
up to 600V
TO
LOAD
V
CC
LIN
HIN
Data Sheet No. PD60201 Rev.D
(Refer to Lead
Assignments for
correct pin con-
figuration). This/
These
diagram(s)
show electrical
connections
only. Please re-
fer to our Appli-
cation
Notes
and DesignTips
for proper circuit
board layout.
Description
The IR2301(S) are high voltage, high speed
power MOSFET and IGBT drivers with indepen-
dent high and low side referenced output
channels. Proprietary HVIC and latch immune
CMOS technologies enable ruggedized mono-
lithic construction. The logic input is compatible
with standard CMOS or LSTTL output, down to
3.3V logic. The output drivers feature a high
pulse current buffer stage designed for minimum
driver cross-conduction. The floating channel
can be used to drive an N-channel power MOSFET or IGBT in the high side configuration which operates up to
600 volts.
Part
Input
logic
Cross-
conduction
prevention
logic
Dead-Time
Ground Pins
2106/2301
COM
21064
HIN/LIN
no
none
VSS/COM
2108
Internal 540ns
COM
21084
HIN/LIN
yes
Programmable 0.54~5
µs
VSS/COM
2109/2302
Internal 540ns
COM
21094
IN/SD
yes
Programmable 0.54~5
µs
VSS/COM
2106/2301//2108//2109/2302/2304 Feature Comparison
2304
HIN/LIN
yes
Internal 100ns
COM


Similar Part No. - IR2301SPbF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR2301S INFINEON-IR2301S Datasheet
193Kb / 18P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60201 Rev.D
More results

Similar Description - IR2301SPbF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS2011PBF IRF-IRS2011PBF Datasheet
338Kb / 19P
HIGH AND LOW SIDE DRIVER
IRS2106 IRF-IRS2106_15 Datasheet
1Mb / 25P
HIGH AND LOW SIDE DRIVER
IRS2181 IRF-IRS2181_15 Datasheet
1Mb / 23P
HIGH AND LOW SIDE DRIVER
IRS2607DSPBF IRF-IRS2607DSPBF_15 Datasheet
833Kb / 28P
HIGH AND LOW SIDE DRIVER
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
logo
Infineon Technologies A...
IR2101 INFINEON-IR2101 Datasheet
148Kb / 14P
HIGH AND LOW SIDE DRIVER
IRS2005PBF INFINEON-IRS2005PBF Datasheet
1Mb / 19P
High and Low Side Driver
April 23, 2020
IRS2101PBF INFINEON-IRS2101PBF Datasheet
1Mb / 15P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60250
logo
Shenzhen Huazhimei Semi...
HM2101 HMSEMI-HM2101 Datasheet
385Kb / 5P
High and Low Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com