Electronic Components Datasheet Search
  English  ▼

X  

MJE5852 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MJE5852
Description  HIGH VOLTAGE PNP POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJE5852 Datasheet(HTML) 1 Page - STMicroelectronics

  MJE5852 Datasheet HTML 1Page - STMicroelectronics MJE5852 Datasheet HTML 2Page - STMicroelectronics MJE5852 Datasheet HTML 3Page - STMicroelectronics MJE5852 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MJE5852
HIGH VOLTAGE PNP POWER TRANSISTOR
s
STMicroelectronics PREFERRED
SALESTYPE
s
PNP TRANSISTOR
s
HIGH VOLTAGE CAPABILITY
APPLICATIONS:
s
SWITCHING REGULATORS
s
MOTOR CONTROL
s
INVERTERS
DESCRIPTION
The
MJE5852
is manufactured using
High
Voltage PNP Multi-Epitaxial technology for high
switching speed and high voltage capability.
It is intended for use in high frequency and
efficiency converters, switching regulators and
motor control.
®
INTERNAL SCHEMATIC DIAGRAM
September 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VBE = 0)
-450
V
VCEO
Collector-Emitter Voltage (IB = 0)
-400
V
VEBO
Emitter-Base Voltage (IC = 0)
-7
V
IC
Collector Current
-8
A
ICM
Collector Peak Current (tp < 5ms)
-16
A
IB
Base Current
-4
A
IBM
Base Peak Current (tp < 5ms)
-8
A
Ptot
Total Dissipation at Tc
≤ 25 oC
80
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
1
2
3
TO-220
1/4


Similar Part No. - MJE5852

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5852 MOTOROLA-MJE5852 Datasheet
302Kb / 8P
8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
logo
ON Semiconductor
MJE5852 ONSEMI-MJE5852 Datasheet
302Kb / 8P
PNP SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
MJE5852 STMICROELECTRONICS-MJE5852 Datasheet
71Kb / 4P
HIGH VOLTAGE PNP POWER TRANSISTOR
Jul-1997
logo
ON Semiconductor
MJE5852 ONSEMI-MJE5852 Datasheet
104Kb / 8P
8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
logo
New Jersey Semi-Conduct...
MJE5852 NJSEMI-MJE5852 Datasheet
114Kb / 3P
SWITCHMODE Series PNP Silicon Power Transistors
More results

Similar Description - MJE5852

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFT45 PHILIPS-BFT45 Datasheet
52Kb / 8P
PNP high-voltage transistor
1997 Apr 18
PH5416 PHILIPS-PH5416 Datasheet
50Kb / 8P
PNP high-voltage transistor
1997 Apr 22
PMBTA92 PHILIPS-PMBTA92 Datasheet
41Kb / 6P
PNP high-voltage transistor
2004 Jan 22
logo
STMicroelectronics
MJE5852 STMICROELECTRONICS-MJE5852 Datasheet
71Kb / 4P
HIGH VOLTAGE PNP POWER TRANSISTOR
Jul-1997
ST93003 STMICROELECTRONICS-ST93003 Datasheet
254Kb / 7P
HIGH VOLTAGE FAST-SWITCHING PNP POWER TRANSISTOR
Oct-2002
logo
NXP Semiconductors
PMBTA92 NXP-PMBTA92 Datasheet
106Kb / 6P
PNP high-voltage transistor
2004 Jan 22
logo
Solid States Devices, I...
SFT5094 SSDI-SFT5094_1 Datasheet
155Kb / 3P
High Voltage PNP Transistor
logo
Galaxy Semi-Conductor H...
3CD14001 BILIN-3CD14001 Datasheet
177Kb / 4P
High Voltage Fast Switching PNP Power Transistor
logo
Diodes Incorporated
ZXTP08400BFF DIODES-ZXTP08400BFF_16 Datasheet
392Kb / 7P
400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR
Rev 4
logo
Shenzhen Luguang Electr...
3CD14001 LUGUANG-3CD14001 Datasheet
1Mb / 3P
High Voltage Fast Switching PNP Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com