Electronic Components Datasheet Search
  English  ▼

X  

PI6C4512 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C4512
Description  PLL Clock Multiplier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C4512 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C4512 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C4512 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C4512 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C4512 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
PS8763B
03/30/06
Features
• Zero ppm multiplication error
• Input crystal frequency range: 5 - 30MHz
• Input clock frequency range: 4 - 50MHz
• Output clock frequencies range ≤ 200MHz
• Period jitter ≤ 100ps (typ)
• 9 Selectable frequencies controlled by S0 and S1 pins
• Supply voltage: 3.3V ±10% or 5.0V ±10%
• Packaging (Pb-Free and Green):
—8-pin SOIC (W)
Description
ThePI6C4512isaprecisiongeneral-purposeclocksynthesizerwith
fmax≤ 200MHz. The PI6C4512 uses an external low-cost crystal
to generate a very accurate rate and stable system clocks.
Block Diagram
PI6C4512
PLL Clock Multiplier
Pin Configuration
S0
S1
CLK
PLL Clock Synthesis
and
Control Circuit
Output
Buffer
Output
Buffer
Crystal
Oscillator
X2
X1 / ICLK
REF
1
2
3
4
8
7
6
5
X1 / ICLK
VCC
GND
REF
X2
S1
S0
CLK
Clock Output Table(1)
S1
S0
CLK
0
0
x 4
0
M
x (16/3)
0
1
x 5
M
0
x 2.5
M
M
x 2
M
1
x (10/3)
1
0
x 6
1
M
x 3
1
1
x 8
Notes:
1.
M = Mid-level (unconnected, biases to VCC/2).
06-0034


Similar Part No. - PI6C4512

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C4511 PERICOM-PI6C4511 Datasheet
492Kb / 5P
PLL Clock Multiplier
PI6C4511WE PERICOM-PI6C4511WE Datasheet
492Kb / 5P
PLL Clock Multiplier
More results

Similar Description - PI6C4512

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS501A ICST-ICS501A Datasheet
111Kb / 6P
LOCO??PLL CLOCK MULTIPLIER
Revision 120704
logo
Pericom Semiconductor C...
PI6C4511 PERICOM-PI6C4511 Datasheet
492Kb / 5P
PLL Clock Multiplier
logo
Integrated Device Techn...
512MILFT IDT-512MILFT Datasheet
186Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
501MLF IDT-501MLF Datasheet
101Kb / 9P
LOCO??PLL CLOCK MULTIPLIER
ICS501MILFT IDT-ICS501MILFT Datasheet
101Kb / 9P
LOCO PLL CLOCK MULTIPLIER
logo
Pericom Semiconductor C...
PI6C490086 PERICOM-PI6C490086 Datasheet
816Kb / 5P
PLL Clock Multiplier
PT7C4502 PERICOM-PT7C4502 Datasheet
241Kb / 6P
PLL Clock Multiplier
PT7C4511 PERICOM-PT7C4511 Datasheet
326Kb / 5P
PLL Clock Multiplier
PT7C4512 PERICOM-PT7C4512 Datasheet
267Kb / 5P
PLL Clock Multiplier
logo
Integrated Device Techn...
ICS512 IDT-ICS512 Datasheet
190Kb / 7P
PLL CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com