Electronic Components Datasheet Search
  English  ▼

X  

MAX4655ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4655ESA
Description  High-Current, 10 OHM, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4655ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4655ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4655ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4655ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4655ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4655ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4655ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4655ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4655ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4655ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
Maxim’s MAX4655–MAX4658 are medium-voltage
CMOS analog switches with low on-resistance of 10
Ω
max, specifically designed to handle large switch cur-
rents. With a switch capability of up to 400mA peak cur-
rent and 300mA continuous current (MAX4655/
MAX4656), and up to 300mA peak current and 150mA
continuous current (MAX4657/MAX4658), these parts
can switch loads as low as 25
Ω. They can replace reed
relays with a million times the speed and virtually unlim-
ited number of lifetime cycles. Normal power consump-
tion is only 3mW, whether the switch is on or off. These
parts are TTL/CMOS compatible and will switch any
voltage within its power-supply range.
These are SPST (single-pole/single-throw) switches.
The MAX4655/MAX4657 are normally closed (NC),
while the MAX4656/MAX4658 are normally open (NO).
The difference between the MAX4655/MAX4656 and
the MAX4657/MAX4658 is in the power dissipation of
their packages. Refer to the Absolute Maximum Ratings
and the Electrical Characteristics.
The MAX4655–MAX4658 power-supply range is from
±4.5V to ±20V for dual-supply operation and +9V to
+40V for single-supply operation. These switches can
operate from any combination of supplies, within a 40V
V+ to V- range. They conduct equally well in either direc-
tion and can handle Rail-to-Rail® analog signals. The off-
leakage current is only 1nA max at TA = +25
°C. They are
available in 8-pin µMAX®, TDFN, and SO packages, with
exposed pad options for high-power applications.
Applications
Relay Replacement
Test Equipment
Communication Systems
xDSL Modems
PBX, PABX Systems
Audio Signal Routing
Audio Systems
PC Multimedia Boards
Redundant/Backup Systems
Features
♦ High Continuous Current Handling
300mA (MAX4655/MAX4656)
150mA (MAX4657/MAX4658)
♦ High Peak Current Handling
400mA (MAX4655/MAX4656)
300mA (MAX4657/MAX4658)
♦ 10Ω max On-Resistance (±15V supplies)
♦ VL not Required
♦ 1Ω max RON Flatness over Specified Signal
Range
♦ Rail-to-Rail Signal Handling
♦ +12V Single Supply or ±15V Dual Supply
Operation
♦ Pin Compatible with DG417, DG418
High-Current, 10
Ω, SPST, CMOS
Analog Switches
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
TOP VIEW
1
2
4
8
7
6
5
NC
V-
IN
N.C.
V+
GND
N.C.
COM
µMAX/SO/TDFN
SWITCHES SHOWN FOR LOGIC "0" INPUT
LOGIC
SWITCH
0
1
ON
OFF
MAX4655/MAX4657
1
2
4
8
7
6
5
NO
V-
IN
N.C.
V+
GND
N.C.
COM
LOGIC
SWITCH
0
1
OFF
ON
MAX4656/MAX4658
N.C. = NO CONNECT
NC = NORMALLY CLOSED
MAX4655/MAX4657
MAX4656/MAX4658
3
3
µMAX/SO/TDFN
19-1984; Rev 3; 5/05
PART
TEMP RANGE
PIN-PACKAGE
TOP
MARK
MAX4655ETA
-40
°C to +85°C
8 TDFN
AKT
MAX4655EUA
-40
°C to +85°C
8 µMAX-EP*
AAAL
MAX4655ESA
-40
°C to +85°C
8 SO-EP*
—
MAX4656ETA
-40
°C to +85°C
8 TDFN
AKU
MAX4656EUA
-40
°C to +85°C
8 µMAX-EP*
AAAM
MAX4656ESA
-40
°C to +85°C
8 SO-EP*
—
MAX4657EUA
-40
°C to +85°C
8 µMAX
—
MAX4657ESA
-40
°C to +85°C
8 SO
—
MAX4658EUA
-40
°C to +85°C
8 µMAX
—
MAX4658ESA
-40
°C to +85°C
8 SO
—
µMAX is a registered trademark of Maxim Integrated Products, Inc.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
*EP = Exposed paddle. (V+)
Pin Configurations/
Functional Diagrams/Truth Tables
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX4655ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4655ESA MAXIM-MAX4655ESA Datasheet
457Kb / 12P
High-Current, 10ohm, SPST, CMOS Analog Switches
Rev 2; 2/04
MAX4655ESA MAXIM-MAX4655ESA Datasheet
305Kb / 12P
High-Current, 10Ω, SPST, CMOS Analog Switches
Rev 4; 6/07
More results

Similar Description - MAX4655ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
Quad SPST CMOS Analog Switches
MAX312 MAXIM-MAX312 Datasheet
385Kb / 12P
10?? Quad, SPST, CMOS Analog Switches
19-0420; Rev 1; 6/99
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
CMOS QUAD SPST ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX4655 MAXIM-MAX4655 Datasheet
457Kb / 12P
High-Current, 10ohm, SPST, CMOS Analog Switches
Rev 2; 2/04
MAX312 MAXIM-MAX312_02 Datasheet
662Kb / 12P
10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
MAX4655 MAXIM-MAX4655_07 Datasheet
305Kb / 12P
High-Current, 10Ω, SPST, CMOS Analog Switches
Rev 4; 6/07
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
Quad SPST CMOS Analog Switches
30-May-11
logo
Texas Instruments
TS12A4514 TI1-TS12A4514_14 Datasheet
717Kb / 19P
SPST CMOS ANALOG SWITCHES
TS12A4514 TI-TS12A4514_15 Datasheet
683Kb / 18P
SPST CMOS ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX312 MAXIM-MAX312_V01 Datasheet
420Kb / 12P
10廓, Quad, SPST, CMOS Analog Switches
19-0420; Rev 2; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com