Electronic Components Datasheet Search
  English  ▼

X  

MAX4655ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4655ESA
Description  High-Current, 10 OHM, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4655ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4655ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4655ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4655ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4655ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4655ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4655ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4655ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4655ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4655ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
High-Current, 10
Ω, SPST, CMOS
Analog Switches
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VIN
TMIN to TMAX
0V+
V
+25°C
15
22
On-Resistance
RON
ICOM = 50mA,
VNO or VNC = 10V
TMIN to TMAX
33
Ω
+25°C
2.2
4
On-Resistance Flatness
(Note 3)
RFLAT (ON)
ICOM = 50mA,
VNO or VNC = 2V, 6V, 10V
TMIN to TMAX
5
Ω
DYNAMIC CHARACTERISTICS
+25°C
140
200
Turn-On Time
tON
VNO or VNC = 10V;
RL = 100
Ω MAX4655/4656,
RL = 200
Ω MAX4657/4658,
CL = 35pF; Figure 3
TMIN to TMAX
300
ns
+25°C
65
125
Turn-Off Time
tOFF
VNO or VNC = 10V;
RL = 100
Ω MAX4655/4656,
RL = 200
Ω MAX4657/4658,
CL = 35pF; Figure 3
TMIN to TMAX
200
ns
Charge Injection
Q
VGEN = 0; RGEN = 0;
CL = 1nF; Figure 4
+25°C
1
pC
POWER SUPPLY
Power-Supply Range
V+
9
40
V
+25°C
25
100
VIN = 0 or 12V,
ISWITCH = 100mA,
MAX4655/4656;
ISWITCH = 50mA,
MAX4657/4658
TMIN to TMAX
200
+25°C
46
125
Positive Supply Current
(Note 6)
I+
VIN = 0 or 5V,
ISWITCH = 100mA,
MAX4655/4656;
ISWITCH = 50mA,
MAX4657/4658
TMIN to TMAX
200
µA
ELECTRICAL CHARACTERISTICS—Single Supply
(V+ = +12V, V- = 0, VIH = 2.4V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Note 2: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal range.
Note 4: Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at TA = +25°C.
Note 5: Off-isolation = 20log10 [VCOM / (VNC or VNO)], VCOM = output, VNC or VNO = input to off switch.
Note 6: Guaranteed by testing with dual supplies.
Note 7: -40°C specifications are guaranteed by design.
Note 8: TDFN parts are tested at +25°C and guaranteed by design over the entire temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com