Electronic Components Datasheet Search
  English  ▼

X  

MAX314C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX314C/D
Description  10 OHM, Quad, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX314C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX314C/D Datasheet HTML 3Page - Maxim Integrated Products MAX314C/D Datasheet HTML 4Page - Maxim Integrated Products MAX314C/D Datasheet HTML 5Page - Maxim Integrated Products MAX314C/D Datasheet HTML 6Page - Maxim Integrated Products MAX314C/D Datasheet HTML 7Page - Maxim Integrated Products MAX314C/D Datasheet HTML 8Page - Maxim Integrated Products MAX314C/D Datasheet HTML 9Page - Maxim Integrated Products MAX314C/D Datasheet HTML 10Page - Maxim Integrated Products MAX314C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
__________Applications Information
Low-Distortion Audio
The MAX312/MAX313/MAX314, having very low RON
and very low RON variation with signal amplitude, are
well suited for low-distortion audio applications. The
Typical Operating Characteristics show Total Harmonic
Distortion (THD) vs. Frequency graphs for several sig-
nal amplitudes and impedances. Higher source and
load impedances improve THD, but reduce off isolation.
Off Isolation at High Frequencies
In 50
Ω systems, the high-frequency on-response of
these parts extends from DC to above 100MHz with a
typical loss of -2dB. When the switch is turned off, how-
ever, it behaves like a capacitor, and off isolation
decreases with increasing frequency. (Above 300MHz,
the switch actually passes more signal turned off than
turned on.) This effect is more pronounced with higher
source and load impedances.
Above 5MHz, circuit board layout becomes critical, and
it becomes difficult to characterize the response of the
switch independent of the circuit. The graphs shown in
the Typical Operating Characteristics were taken using
a 50
Ω source and load connected with BNC connec-
tors to a circuit board deemed “average”; that is,
designed with isolation in mind, but not using strip-line
or other special RF circuit techniques. For critical appli-
cations above 5MHz, use the MAX440, MAX441, and
MAX442, which are fully characterized up to 160MHz.
10
Ω, Quad, SPST, CMOS Analog Switches
_______________________________________________________________________________________
7
V+
COM_
V-
NO_
Vg
V+
V-
tr < 20ns
tf < 20ns
50%
0V
LOGIC
INPUT
V-
-15V
RL
300
Ω
NO1
OR NC1
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VO = VCOM
(
RL
)
RL + RON
SWITCH
INPUT
IN1
+3V
tOFF
0V
COM1
SWITCH
OUTPUT
0.9V0
0.9V0
tON
VO
SWITCH
OUTPUT
LOGIC
INPUT
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
VL
V+
CL
35pF
+5V
+15V
VO
VCOM1
0V
REPEAT TEST FOR EACH SWITCH. FOR LOAD
CONDITIONS, SEE Electrical Characteristics.
MAX312
MAX313
MAX314
Figure 1. Overvoltage Protection Using External Blocking
Diodes
Figure 2. Switching-Time Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com