Electronic Components Datasheet Search
  English  ▼

X  

MAX314C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX314C/D
Description  10 OHM, Quad, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX314C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX314C/D Datasheet HTML 4Page - Maxim Integrated Products MAX314C/D Datasheet HTML 5Page - Maxim Integrated Products MAX314C/D Datasheet HTML 6Page - Maxim Integrated Products MAX314C/D Datasheet HTML 7Page - Maxim Integrated Products MAX314C/D Datasheet HTML 8Page - Maxim Integrated Products MAX314C/D Datasheet HTML 9Page - Maxim Integrated Products MAX314C/D Datasheet HTML 10Page - Maxim Integrated Products MAX314C/D Datasheet HTML 11Page - Maxim Integrated Products MAX314C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
10
Ω, Quad, SPST, CMOS Analog Switches
8
_______________________________________________________________________________________
50%
0.9V01
+3V
0V
0V
LOGIC
INPUT
SWITCH
OUTPUT 2
(VO2)
0V
0.9V02
tD
tD
LOGIC
INPUT
V-
-15V
RL2
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
COM_
IN_
VL
COM_
VO2
V+
+5V
+15V
CL2
VCOM1 = +10V
VCOM2 = +10V
RL1
VO1
CL1
RL = 300
Ω
CL = 35pF
NO_
NC_
SWITCH
OUTPUT 1
(VO1)
MAX314
Figure 3. Break-Before-Make Test Circuit (MAX314 only)
VGEN
GND
NC OR
NO
CL
VO
-15V
V-
V+
VO
VIN
OFF
ON
OFF
∆VO
Q = (
∆VO)(CL)
COM
+5V
VIN DEPENDS ON SWITCH CONFIGURATION;
INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
OFF
ON
OFF
VIN
VIN = +3V
+15V
RGEN
IN
VL
MAX312
MAX313
MAX314
Figure 4. Charge Injection Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com