Electronic Components Datasheet Search
  English  ▼

X  

TL3577 Datasheet(PDF) 10 Page - Texas Instruments

Part # TL3577
Description  100-kHz CURRENT-MODE SIMPLE STEP-UP/FLYBACK SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3577 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL3577 Datasheet HTML 6Page - Texas Instruments TL3577 Datasheet HTML 7Page - Texas Instruments TL3577 Datasheet HTML 8Page - Texas Instruments TL3577 Datasheet HTML 9Page - Texas Instruments TL3577 Datasheet HTML 10Page - Texas Instruments TL3577 Datasheet HTML 11Page - Texas Instruments TL3577 Datasheet HTML 12Page - Texas Instruments TL3577 Datasheet HTML 13Page - Texas Instruments TL3577 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.ti.com
APPLICATION INFORMATION
TL3577-ADJ
V
IN
COMP
GND
FEEDBACK
SWITCH
12Vat 800mA
RegulatedOutput
£
100µH
2.2kW
0.1µF
0.33µF
17.4kW
2kW
5-V
Input
680µF
TL3577-ADJ
V
IN
COMP
GND
FEEDBACK
SWITCH
47 µH
100 µF
2.4 k
Ω
0.47 µF
1:2.5
1 µF
5 V
(4 V to 6 V)
12 V at 150 mA
12 V at 150 mA
330 µF
330 µF
2 k
Ω
17.4 k
Ω
TL3577
100-kHz CURRENT-MODE SIMPLE STEP-UP/FLYBACK SWITCHING REGULATOR
SLVS633 – OCTOBER 2006
Figure 2 shows a typical application of the TL3577 in a boost regulator.
Figure 2. Typical Application – Boost Regulator
Figure 3 shows a typical application of the TL3577 in a flyback regulator.
Figure 3. Typical Application – Flyback Regulator
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com