Electronic Components Datasheet Search
  English  ▼

X  

TL3577 Datasheet(PDF) 3 Page - Texas Instruments

Part # TL3577
Description  100-kHz CURRENT-MODE SIMPLE STEP-UP/FLYBACK SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3577 Datasheet(HTML) 3 Page - Texas Instruments

  TL3577 Datasheet HTML 1Page - Texas Instruments TL3577 Datasheet HTML 2Page - Texas Instruments TL3577 Datasheet HTML 3Page - Texas Instruments TL3577 Datasheet HTML 4Page - Texas Instruments TL3577 Datasheet HTML 5Page - Texas Instruments TL3577 Datasheet HTML 6Page - Texas Instruments TL3577 Datasheet HTML 7Page - Texas Instruments TL3577 Datasheet HTML 8Page - Texas Instruments TL3577 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Package Thermal Data
(1)
Recommended Operating Conditions
TL3577
100-kHz CURRENT-MODE SIMPLE STEP-UP/FLYBACK SWITCHING REGULATOR
SLVS633 – OCTOBER 2006
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Supply voltage
45
V
VSW
Output SWITCH voltage
65
V
ISW
Output SWITCH current
6
A
TJ
Maximum junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
TJ
Junction temperature
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
BOARD
θ
JA
θ
JC
θ
JCB
TO-263 (KTT)
High K, JESD 51-5
31.8
35.0
1.13
(1)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Supply voltage
3
40
V
VSW
Output SWITCH voltage
0
60
V
ISW
Output SWITCH current
3
A
TJ
Operating virtual junction temperature
–40
125
°C
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com