Electronic Components Datasheet Search
  English  ▼

X  

IRKF102 Datasheet(PDF) 7 Page - International Rectifier

Part # IRKF102
Description  FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKF102 Datasheet(HTML) 7 Page - International Rectifier

  IRKF102 Datasheet HTML 1Page - International Rectifier IRKF102 Datasheet HTML 2Page - International Rectifier IRKF102 Datasheet HTML 3Page - International Rectifier IRKF102 Datasheet HTML 4Page - International Rectifier IRKF102 Datasheet HTML 5Page - International Rectifier IRKF102 Datasheet HTML 6Page - International Rectifier IRKF102 Datasheet HTML 7Page - International Rectifier IRKF102 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRK.F102.. Series
7
Bulletin I27097 rev. A 09/97
www.irf.com
Fig. 9 - Reverse Recovery Charge Characteristics
Fig. 10 - Reverse Recovery Current Characteristics
Fig. 11 - Frequency Characteristics
Fig. 12 - Frequency Characteristics
20
40
60
80
100
120
140
160
180
200
10
20
30
40
50
60
70
80
90 100
Rate Of Fall Of On-state Current - di/dt (A/µs)
I
= 500 A
TM
300 A
200 A
50 A
100 A
IRK.F102.. Series
T = 125°C
J
20
40
60
80
100
120
140
160
10
20
30
40
50
60
70
80
90 100
Rate Of Fall Of On-state Current - di/dt (A/µs)
IRK.F102.. Series
T = 125 °C
J
I
= 500 A
TM
300 A
200 A
100 A
50 A
1E2
1E3
1E4
1E1
1E2
1E3
1E4
50 Hz
400
1000
2500
5000
Pulse Basewidth (µs)
IRK.F102.. Series
Sinusoidal Pulse
T
= 90 °C
C
150
Snubber circuit
R
= 47 ohms
C
= 0.22 µF
V
= 80% V
s
s
D
DRM
tp
1E4
1E11E2
1E31E4
50 Hz
400
1000
2500
5000
Pulse Basewidth (µs)
IRK.F102.. Series
Sinusoidal Pulse
T
= 60 °C
C
Snubber circuit
R
= 47 ohms
C
= 0.22 µF
V
= 80% V
s
s
D
DRM
150
tp
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
50 Hz
400
1000
2500
5000
Pulse Basewidth (µs)
150
Snubber circuit
R
= 47 ohms
C
= 0.22 µF
V
= 80% V
s
s
D
DRM
IRK.F102.. Series
Trapezoidal Pulse
T
= 90°C, di/dt 50A/µs
C
tp
1E4 1E1
1E2
1E3
1E4
50 Hz
400
1000
2500
5000
Pulse Basewidth (µs)
Snubber circuit
R
= 47 ohms
C
= 0.22 µF
V
= 80% V
s
s
D
DRM
150
IRK.F102.. Series
Trapezoidal Pulse
T
= 90°C, di/dt 100A/µs
C
tp
1E1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com