Electronic Components Datasheet Search
  English  ▼

X  

IRKF102 Datasheet(PDF) 8 Page - International Rectifier

Part # IRKF102
Description  FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKF102 Datasheet(HTML) 8 Page - International Rectifier

  IRKF102 Datasheet HTML 1Page - International Rectifier IRKF102 Datasheet HTML 2Page - International Rectifier IRKF102 Datasheet HTML 3Page - International Rectifier IRKF102 Datasheet HTML 4Page - International Rectifier IRKF102 Datasheet HTML 5Page - International Rectifier IRKF102 Datasheet HTML 6Page - International Rectifier IRKF102 Datasheet HTML 7Page - International Rectifier IRKF102 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRK.F102.. Series
8
Bulletin I27097 rev. A 09/97
www.irf.com
Fig. 15 - Gate Characteristics
Fig. 13 - Frequency Characteristics
Fig. 14 - Maximum On-state Energy Power Loss Characteristics
1E2
1E3
1E4
1E1
1E2
1E3
1E4
50 Hz
400
1000
2500
5000
Pulse Basewidth (µs)
150
Snubber circuit
R
= 47 ohms
C
= 0.22 µF
V
= 80% V
s
s
D
DRM
IRK.F102.. Series
Trapezoidal Pulse
T
= 60°C, di/dt 50A/µs
C
tp
1E4
1E1
1E2
1E3
1E4
50 Hz
400
1000
2500
5000
Pulse Basewidth (µs)
150
Snubber circuit
R
= 47 ohms
C
= 0.22 µF
V
= 80% V
s
s
D
DRM
IRK.F102.. Series
Trapezoidal Pulse
T
= 60°C, di/dt 100A/µs
C
tp
1E1
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
1
0.1
Pulse Basewidth (µs)
IRK.F102.. Series
Sinusoidal pulse
10 joules per pulse
5
2.5
0.5
0.25
0.05
tp
1E4 1E1
1E2
1E3
1E4
1
0.1
Pulse Basewidth (µs)
IRK.F102.. Series
Trapezoidal Pulse
di/dt 50A/µs
10 joules per pulse
5
2.5
0.5
0.25
0.05
tp
1E1
0.1
1
10
100
0.01
0.1
1
10
100
VGD
IGD
(b)
(a)
(1)
(2)
(3)
Instantaneous Gate Current (A)
a) Recommended load line for
b) Recommended load line for
Rectangular gate pulse
(1) PGM = 10W, tp = 20ms
(2) PGM = 20W, tp = 10ms
(3) PGM = 40W, tp = 5ms
(4) PGM = 60W, tp = 3.3ms
IRK.F102.. Series
Frequency Limited by PG(AV)
rated di/dt : 20V, 10ohms; tr<=1 µs
tr<=1 µs
<=30% rated di/dt : 10V, 20ohms
(4)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com