Electronic Components Datasheet Search
  English  ▼

X  

5553 Datasheet(PDF) 2 Page - 3M Electronics

Part # 5553
Description  Cold Shrink] Rubber Splicing Kits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5553 Datasheet(HTML) 2 Page - 3M Electronics

  5553 Datasheet HTML 1Page - 3M Electronics 5553 Datasheet HTML 2Page - 3M Electronics 5553 Datasheet HTML 3Page - 3M Electronics 5553 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
— 2 —
A. Typical Physical and Electrical Properties
Cold Shrink
™ Insulator and Splice Jacket
EPDM Rubber
Physical Properties
Test Method
Typical Value*
D Color
Black
D 300% Modulus
480 psi
(ASTM D–412)
(3,3 MPa)
D Ultimate Tensile
Strength
1400 psi
(ASTM D–412)
(9,6 MPa)
D Ultimate Elongation
750%
(ASTM D–412)
D Die C Tear
150 pli
(ASTM D–624C)
(26,3 KN/m)
Electrical Properties
Test Method
Typical Value*
D Dielectric Strength
(ASTM D–149)
Original
365 V/mil
(14,3 kV/mm)
7 days in H2O
282 V/mil
90
_C (194_F)
(11,1 kV/mm)
Scotch
™ 2228 Rubber Mastic Tape
Physical Properties
Test Method
Typical Value*
D Color
Black
D Thickness
(ASTM D–1000)
— Overall
0.065
I
(1,65 mm)
— EPR Backing
0.030
I
(0,76 mm)
— Mastic Layer
0.035
I
(0,89 mm)
D Adhesion to Steel
15 lb/in
(ASTM D–1000)
(26,2 N/10mm)
23
_C (73_F)
D Water Absorption
0.15%
(ASTM D–570)
Electrical Properties
Test Method
Typical Value*
D Dielectric Strength
(ASTM D–1000)
— Dry
500 V/mil
(19,6 kV/mm)
— Wet
500 V/mil
(19,6 kV/mm)
Scotch
™ 13 Semi-Conducting Tape and Electrode
Wrap
Physical Properties
Test Method
Typical Value*
D Color
Black
D Thickness
30 mils
(ASTM D–1000)
(0,76 mm)
D Tensile Strength
6 psi
(ASTM D–1000)
(0,04 MPa)
D Elongation
800%
(ASTM D–1000)
Electrical Properties
Test Method
Typical Value*
D Volume Resistivity
106 Ohm–cm
(3M Test Method)
D Resistance
10,000 Ohm/in.
(3M Test Method)
Scotch
™ 130C Linerless Rubber Splicing Tape
Physical Properties
Test Method
Typical Value*
D Color
Black
D Thickness
30 mils
(ASTM D–4325)
(0,76 mm)
D Tensile Strength
250 psi
(ASTM D–4325)
(1,72 MPa)
D Ultimate Elongation
1000%
(ASTM D–4325)
D Operating Temperature
90
_C
(ASTM D–4388)
(194
_F)
D Emergency Overload
130
_C
(ASTM D–4388)
(266
_F)
D Ozone Resistance
Passes
(ASTM D–4388)
D Heat Resistance
Passes
(ASTM D–4388)
D UV Resistance
Passes
(ASTM D–4388)
D Flame Resistance
Passes
IEEE Std 27–1974 ANSI
C37.20C 74
Electrical Properties
Test Method
Typical Value*
D Dielectric Strength
(ASTM D–4325)
750 V/mil
Original
(29,5 kV/mm)
(ASTM D–4325)
750 V/mil
24 hrs in H2O
(29,5 kV/mm)
(ASTM D–4325)
730 V/mil
96 hrs @ 23
_C
(28,7 kV/mm)
96% RH
D Volume Resistivity
(ASTM D–4325)
Original
>1015 ohm–cm
Aged 96 hrs
>1014 ohm–cm
@ 23
_C 96% RH
D Insulation Resistance
>106 M ohms
* All values are averages and are not intended for
specification purposes.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com