Electronic Components Datasheet Search
  English  ▼

X  

5553 Datasheet(PDF) 3 Page - 3M Electronics

Part # 5553
Description  Cold Shrink] Rubber Splicing Kits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5553 Datasheet(HTML) 3 Page - 3M Electronics

  5553 Datasheet HTML 1Page - 3M Electronics 5553 Datasheet HTML 2Page - 3M Electronics 5553 Datasheet HTML 3Page - 3M Electronics 5553 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
— 3 —
B. Typical Dimensions
L
D
Optional Ground Strap
These splice kits are designed to be used with inline compression connectors that do not exceed the
following maximum lengths:
Kit Number
Dimension
inches (mm)
Maximum Connector Length
inches (mm)
L
D
Copper
Aluminum
5551
19 (483)
Connector Diameter
3.3 (84)
2.7 (69)
5552
21 (533)
Connector Diameter
+
1 (25 mm)
4.3 (109)
3.7 (94)
5553
23 (584)
1 (25 mm)
6.3
(160)
5.3
(135)
Table 1
C. Splice Selection Table
Kit Number
Conductor Size
AWG or kcmil (mm2)
Accessory 3M Ground Strap
Assembly Kit Number (optional)
Copper
Aluminum
Assembly Kit Number (optional)
5551
6 – 4/0 (14 – 120)
6 – 3/0 (14 – 95)
GS–1
5552
4/0 – 500 (120 – 300)
4/0 – 400 (120 – 250)
GS–2
5553
500 – 1000 (300 – 500)
500 – 1000 (300 – 500)
GS–3
Table 2
3. Maintenance
Components of the 3M 5550 Series Cold Shrink
™ Rubber
Splicing Kits are stable under normal storage conditions.
Normal stock rotation practices are recommended. The
splices can be field tested using normal field cable testing
procedures (reference: ANSI/IEEE Standard 400 “Guide for
Making High-Direct-Voltage Tests on Power Cable Systems
in the Field” for installation and maintenance tests). 3M Cold
Shrink
™ removable core material is polypropylene and
recyclable with other
waste.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com