Electronic Components Datasheet Search
  English  ▼

X  

STN790A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STN790A
Description  Medium Current, High Performance, Low Voltage PNP Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN790A Datasheet(HTML) 1 Page - STMicroelectronics

  STN790A Datasheet HTML 1Page - STMicroelectronics STN790A Datasheet HTML 2Page - STMicroelectronics STN790A Datasheet HTML 3Page - STMicroelectronics STN790A Datasheet HTML 4Page - STMicroelectronics STN790A Datasheet HTML 5Page - STMicroelectronics STN790A Datasheet HTML 6Page - STMicroelectronics STN790A Datasheet HTML 7Page - STMicroelectronics STN790A Datasheet HTML 8Page - STMicroelectronics STN790A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
March 2006
Rev 3
1/10
10
Order codes
Part Number
Marking
Package
Packing
STN790A
N790A
SOT-223
Tape & reel
STN790A
Medium Current, High Performance, Low Voltage
PNP Transistor
General features
■
Very low Collector to Emitter saturation voltage
■
D.C. Current gain, hFE >100
■
3A continuous collector current
■
40V breakdown voltage (V(BR)CER)
■
SOT-223 plastic package for surface mounting
circuits
■
Available in tape & reel packing
■
In compliance with the 2002/93/EC European
Directive
Description
The device in manufactured in low voltage PNP
Planar Technology by using a “Base Island”
layout. The resulting transistor shows exceptional
high gain performance coupled with very low
saturation voltage.
Applications
■
Power management in portable equipment
■
Voltage regulation in bias supply circuits
■
Switching regulator in battery charger
applications
■
Heavy load driver
Internal schematic diagram
1
2
2
3
SOT-223
www.st.com


Similar Part No. - STN790A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN790A STMICROELECTRONICS-STN790A Datasheet
125Kb / 6P
MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
Mar-2003
STN790A STMICROELECTRONICS-STN790A Datasheet
183Kb / 9P
Medium current, high performance, low voltage PNP transistor
26-Jun-2008
STN790A STMICROELECTRONICS-STN790A_08 Datasheet
183Kb / 9P
Medium current, high performance, low voltage PNP transistor
26-Jun-2008
More results

Similar Description - STN790A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN749 STMICROELECTRONICS-STN749 Datasheet
124Kb / 6P
MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
Mar-2003
STN790A STMICROELECTRONICS-STN790A Datasheet
125Kb / 6P
MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
Mar-2003
STX790A STMICROELECTRONICS-STX790A Datasheet
117Kb / 6P
MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
Mar-2003
STD790A STMICROELECTRONICS-STD790A Datasheet
126Kb / 6P
MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
Mar-2003
STD790AT4 STMICROELECTRONICS-STD790AT4 Datasheet
203Kb / 10P
Medium Current, High Performance, Low Voltage PNP Transistor
27-Mar-2006
STX790A STMICROELECTRONICS-STX790A_06 Datasheet
218Kb / 11P
Medium Current, High Performance, Low Voltage PNP Transistor
29-Mar-2006
STD790A STMICROELECTRONICS-STD790A_08 Datasheet
168Kb / 9P
Medium current, high performance, low voltage PNP transistor
25-Jun-2008
STN790A STMICROELECTRONICS-STN790A_08 Datasheet
183Kb / 9P
Medium current, high performance, low voltage PNP transistor
26-Jun-2008
STX790A STMICROELECTRONICS-STX790A_08 Datasheet
166Kb / 10P
Medium current, high performance, low voltage PNP transistor
25-Jun-2008
STX790A STMICROELECTRONICS-STX790A_09 Datasheet
181Kb / 10P
Medium current,high performance,low voltage PNP transistor
28-Apr-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com