Electronic Components Datasheet Search
  English  ▼

X  

STN790A Datasheet(PDF) 4 Page - STMicroelectronics

Part # STN790A
Description  Medium Current, High Performance, Low Voltage PNP Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN790A Datasheet(HTML) 4 Page - STMicroelectronics

  STN790A Datasheet HTML 1Page - STMicroelectronics STN790A Datasheet HTML 2Page - STMicroelectronics STN790A Datasheet HTML 3Page - STMicroelectronics STN790A Datasheet HTML 4Page - STMicroelectronics STN790A Datasheet HTML 5Page - STMicroelectronics STN790A Datasheet HTML 6Page - STMicroelectronics STN790A Datasheet HTML 7Page - STMicroelectronics STN790A Datasheet HTML 8Page - STMicroelectronics STN790A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical characteristics
STN790A
4/10
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Table 3.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE =0)
VCB = -30V
VCB = -30V;
TC= 100°C
-10
100
µA
µA
IEBO
Emitter cut-off current
(IC =0)
VEB = -4V
-10
µA
V(BR)CEO (2)
Collector-emitter
breakdown voltage
(IB =0)
IC = -10mA
-30
V
V(BR)CER (2)
Collector-emitter
breakdown voltage
(RBE = 47Ω)
IC = -10mA
-40
V
V(BR)CBO
Collector-base
breakdown voltage
(IE =0)
IC = -100µA
-40
V
V(BR)EBO
Emitter-base breakdown
voltage (IC =0)
IE = -100µA
-5
V
VCE(sat) (2) Collector-emitter
saturation voltage
IC = -0.5A
IB = -5mA
IC = -1.2A
IB = -20mA
IC = -2A
IB = -20mA
IC = -3A
IB = -100mA
IC = -3A
IB = -100mA
TJ = 100°C
-0.15
-0.25
-0.5
-0.7
-0.9
V
V
V
V
V
VBE(sat) (2)
Base-emitter saturation
voltage
IC = -1A
IB = -10mA
-0.8
-1
V
VBE(on) (2) Base-emitter on voltage
IC = -1A
VCE = -2V
-0.8
-1
V
hFE (2)
DC current gain
IC = -10mA
VCE = -2V
IC = -500mA
VCE = -2V
IC = -1A
VCE = -2V
IC = -2A
VCE = -1V
IC = -3A
VCE = -1V
100
100
100
100
90
200
200
160
130
400
400



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com