Electronic Components Datasheet Search
  English  ▼

X  

2N6504G Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N6504G
Description  Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6504G Datasheet(HTML) 3 Page - ON Semiconductor

  2N6504G Datasheet HTML 1Page - ON Semiconductor 2N6504G Datasheet HTML 2Page - ON Semiconductor 2N6504G Datasheet HTML 3Page - ON Semiconductor 2N6504G Datasheet HTML 4Page - ON Semiconductor 2N6504G Datasheet HTML 5Page - ON Semiconductor 2N6504G Datasheet HTML 6Page - ON Semiconductor 2N6504G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2N6504 Series
http://onsemi.com
3
+ Current
+ Voltage
VTM
IDRM at VDRM
IH
Symbol
Parameter
VDRM
Peak Repetitive Off State Forward Voltage
IDRM
Peak Forward Blocking Current
VRRM
Peak Repetitive Off State Reverse Voltage
IRRM
Peak Reverse Blocking Current
VTM
Peak On State Voltage
IH
Holding Current
Voltage Current Characteristic of SCR
Anode +
on state
Reverse Blocking Region
(off state)
Reverse Avalanche Region
Anode −
Forward Blocking Region
IRRM at VRRM
(off state)
dc
180°
16
12
0
80
90
10
0
110
13
0
60°
α = 30°
0
4.0
8.0
12
20
α = CONDUCTION ANGLE
IT(AV), ON-STATE FORWARD CURRENT (AMPS)
α
90°
180°
90°
24
0
8.0
16
32
TJ = 125°C
dc
60°
α = 30°
IT(AV), AVERAGE ON-STATE FORWARD CURRENT (AMPS)
16
0
4.0
8.0
12
20
α = CONDUCTION ANGLE
α
Figure 1. Average Current Derating
Figure 2. Maximum On−State Power Dissipation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com