Electronic Components Datasheet Search
  English  ▼

X  

2N6504G Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N6504G
Description  Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6504G Datasheet(HTML) 4 Page - ON Semiconductor

  2N6504G Datasheet HTML 1Page - ON Semiconductor 2N6504G Datasheet HTML 2Page - ON Semiconductor 2N6504G Datasheet HTML 3Page - ON Semiconductor 2N6504G Datasheet HTML 4Page - ON Semiconductor 2N6504G Datasheet HTML 5Page - ON Semiconductor 2N6504G Datasheet HTML 6Page - ON Semiconductor 2N6504G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2N6504 Series
http://onsemi.com
4
1.0
0.02
0.03
0.05
0.07
0.1
100
0.2
0.3
0.5
0.7
0.2 0.3
0.5
1.0
2.0
25°C
125°C
0.4
0.1
ZqJC(t) = RqJC • r(t)
1 CYCLE
1.0
200
SURGE IS PRECEDED AND
FOLLOWED BY RATED CURRENT
TC = 85°C
f = 60 Hz
NUMBER OF CYCLES
225
250
275
300
20
2.0
3.0
4.0
6.0
8.0
10
0.1
0
0.01
t, TIME (ms)
3.0
5.0
175
0.2
0.3
0.5
0.7
7.0
5.0
1.0
2.0
10
50
3.0
20
30
70
vF, INSTANTANEOUS VOLTAGE (VOLTS)
1.2
2.0
1.6
2.4
2.8
0.8
30
50
100
200 300
500
2.0 k
10
3.0 k 5.0 k
10 k
1.0 k
Figure 3. Typical On−State Characteristics
Figure 4. Maximum Non−Repetitive Surge Current
Figure 5. Thermal Response



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com