Electronic Components Datasheet Search
  English  ▼

X  

CS5112 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5112
Description  1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5112 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5112 Datasheet HTML 1Page - ON Semiconductor CS5112 Datasheet HTML 2Page - ON Semiconductor CS5112 Datasheet HTML 3Page - ON Semiconductor CS5112 Datasheet HTML 4Page - ON Semiconductor CS5112 Datasheet HTML 5Page - ON Semiconductor CS5112 Datasheet HTML 6Page - ON Semiconductor CS5112 Datasheet HTML 7Page - ON Semiconductor CS5112 Datasheet HTML 8Page - ON Semiconductor CS5112 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2005
October, 2005 − Rev. 7
1
Publication Order Number:
CS5112/D
CS5112
1.4 A Switching Regulator
with 5.0 V, 100 mA Linear
Regulator with Watchdog,
RESET and ENABLE
The CS5112 is a dual output power supply integrated circuit. It
contains a 5.0 V
± 2%, 100 mA linear regulator, a watchdog timer, a
linear output voltage monitor to provide a Power On Reset (POR) and a
1.4 A current mode PWM switching regulator.
The 5.0 V linear regulator is comprised of an error amplifier,
reference, and supervisory functions. It has low internal supply current
consumption and provides 1.2 V (typical) dropout voltage at maximum
load current.
The watchdog timer circuitry monitors an input signal (WDI) from
the microprocessor. It responds to the falling edge of this watchdog
signal. If a correct watchdog signal is not received within the externally
programmable time, a reset signal is issued.
The externally programmable active reset circuit operates correctly
for an output voltage (VLIN) as low as 1.0 V. During power up, or if the
output voltage shifts below the regulation limit, RESET toggles low and
remains low for the duration of the delay after proper output voltage
regulation is restored. Additionally a reset pulse is issued if the correct
watchdog is not received within the programmed time. Reset pulses
continue until the correct watchdog signal is received. The reset pulse
width and frequency, as well as the Power On Reset delay, are set by one
external RC network.
The current mode PWM switching regulator is comprised of an error
amplifier with selectable feedback inputs, a current sense amplifier, an
adjustable oscillator, and a 1.4 A output power switch with
anti−saturation control. The switching regulator can be configured in a
variety of topologies.
The CS5112 is load dump capable and has protection circuitry which
includes current limit on the linear and switcher outputs, and an
overtemperature limiter.
Features
• Linear Regulator
♦ 5.0 V
± 2% @ 100 mA
• Switching Regulator
♦ 1.4 A Peak Internal Switch
♦ 120 kHz Maximum Switching Frequency
♦ 5.0 V to 26 V Operating Supply Range
• Smart Functions
♦ Watchdog
♦ RESET
♦ ENABLE
• Protection
♦ Overtemperature
♦ Current Limit
• Internally Fused Leads in a SOIC Package
• Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SOIC−24
DWF SUFFIX
CASE 751E
1
24
MARKING DIAGRAM
1
CS5112
AWLYYWWG
24
PIN CONNECTIONS
GND
GND
GND
GND
GND
GND
GND
GND
IBIAS
VSW
VLIN
NC
VREG
NC
ENABLE
VIN
RESET
VFB1
CDelay
VFB2
124
COSC
COMP
WDI
SELECT
Device
Package
Shipping†
ORDERING INFORMATION
CS5112YDWF24
SOIC−24
30 Units/Rail
CS5112YDWFR24
SOIC−24 1000/Tape & Reel
CS5112 = Device Code
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
CS5112YDWFR24G
SOIC−24
(Pb−Free)
1000/Tape & Reel
CS5112YDWF24G
SOIC−24
(Pb−Free)
30 Units/Rail
http://onsemi.com


Similar Part No. - CS5112

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 4/22/99
logo
ON Semiconductor
CS5112 ONSEMI-CS5112 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Cherry Semiconductor Co...
CS5112EDWF24 CHERRY-CS5112EDWF24 Datasheet
199Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 4/22/99
CS5112EDWFR24 CHERRY-CS5112EDWFR24 Datasheet
199Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 4/22/99
More results

Similar Description - CS5112

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 12/28/98
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 4/22/99
CS8140 CHERRY-CS8140 Datasheet
214Kb / 12P
5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
Rev. 2/23/99
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
CS2001 ONSEMI-CS2001 Datasheet
77Kb / 8P
1.2 A Switching Regulator, and 5.0 V, 100 mA Linear Regulator with RESET
December, 2000 ??Rev. 5
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com