Electronic Components Datasheet Search
  English  ▼

X  

CS5112 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5112
Description  1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5112 Datasheet(HTML) 4 Page - ON Semiconductor

  CS5112 Datasheet HTML 1Page - ON Semiconductor CS5112 Datasheet HTML 2Page - ON Semiconductor CS5112 Datasheet HTML 3Page - ON Semiconductor CS5112 Datasheet HTML 4Page - ON Semiconductor CS5112 Datasheet HTML 5Page - ON Semiconductor CS5112 Datasheet HTML 6Page - ON Semiconductor CS5112 Datasheet HTML 7Page - ON Semiconductor CS5112 Datasheet HTML 8Page - ON Semiconductor CS5112 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CS5112
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (5.0 V
≤ VIN ≤ 26 V and −40°C ≤ TJ ≤ 150°C, COUT = 100 mF (ESR ≤ 8.0 W), CDelay = 0.1 mF,
RBIAS = 64.9 kW, COSC = 390 pF, CCOMP = 0.1 mF; unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Switcher Section (continued)
Switcher Max Duty Cycle
VSW = 5.0 V with 50 W Load, VFB1 = VFB2 = 1.0 V
72
85
95
%
Current Sense Amp Gain
ISW = 2.3 A
−
7.0
−
V/V
Error Amp DC Gain
−
−
67
−
dB
Error Amp Transconductance
−
−
2700
−
mA/V
ENABLE Input
VIL
−
0.8
1.24
−
V
VIH
−
−
1.3
2.0
V
Hysteresis
−
−
60
−
mV
Input Impedance
−
10
20
40
k
W
Select Input
VIL (Selects VFB1)
4.9
≤ VLIN ≤ 5.1
0.8
1.25
−
V
VIH (Selects VFB2)
4.9
≤ VLIN ≤ 5.1
−
1.25
2.0
V
SELECT Pullup
SELECT = 0 V
10
24
50
k
W
Floating Input Voltage
−
3.5
4.5
−
V
PIN FUNCTION DESCRIPTION
PACKAGE PIN #
SOIC−24
PIN SYMBOL
FUNCTION
1
VIN
Supply voltage.
2, 3
NC
No connection.
4
VSW
Collector of NPN power switch for switching regulator section.
5, 6, 7, 8, 17, 18, 19, 20
GND
Connected to the heat removing leads.
9
VFB1
Feedback input voltage 1 (referenced to 1.25 V).
10
VFB2
Feedback input voltage 2 (referenced to 1.25 V).
11
SELECT
Logic level input that selects either VFB1 or VFB2. An open selects VFB2. Connect to GND
to select VFB1.
12
COMP
Output of the transconductance error amplifier.
13
COSC
A capacitor connected to GND sets the switching frequency. Refer to Figure 5.
14
WDI
Watchdog input. Active on falling edge.
15
CDelay
A capacitor connected to GND sets the Power On Reset and Watchdog time.
16
RESET
RESET output. Active low if VLIN is below the regulation limit. If watchdog timeout is
reached, a reset pulse train is issued.
21
IBIAS
A resistor connected to GND sets internal bias currents as well as the COSC and CDelay
charge currents.
22
VLIN
Regulated 5.0 V output from the linear regulator section.
23
VREG
Input voltage to the linear regulator and the internal supply circuitry.
24
ENABLE
Logic level input to shut down the switching regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com