Electronic Components Datasheet Search
  English  ▼

X  

B8050 Datasheet(PDF) 1 Page - EPCOS

Part # B8050
Description  SAW Components SAW Duplexer W-CDMA Band 5 (Cellular)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B8050 Datasheet(HTML) 1 Page - EPCOS

  B8050 Datasheet HTML 1Page - EPCOS B8050 Datasheet HTML 2Page - EPCOS B8050 Datasheet HTML 3Page - EPCOS B8050 Datasheet HTML 4Page - EPCOS B8050 Datasheet HTML 5Page - EPCOS B8050 Datasheet HTML 6Page - EPCOS B8050 Datasheet HTML 7Page - EPCOS B8050 Datasheet HTML 8Page - EPCOS B8050 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© EPCOS AG 2008. Reproduction, publication and dissemination of this data sheet, enclosures
hereto and the information contained therein without EPCOS’ prior express consent is prohibited.
SAW Components
SAW Duplexer
W-CDMA Band 5 (Cellular)
Series/type:
Ordering code:
B8050
B39881B8050F210
Date:
Version:
April 28, 2008
2.0


Similar Part No. - B8050

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
B80-C1000 EIC-B80-C1000 Datasheet
23Kb / 2P
SILICON BRIDGE RECTIFIERS
B80-C1500R EIC-B80-C1500R Datasheet
23Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
EPCOS
B800 EPCOS-B800 Datasheet
81Kb / 6P
Satellite Receiver Filter
logo
Pulse A Technitrol Comp...
B800 PULSE-B800 Datasheet
584Kb / 2P
XDSL SPLITTER FILTER MODULE
logo
YAGEO Corporation
B800-60KA YAGEO-B800-60KA Datasheet
382Kb / 4P
GAS DISCHARGE TUBE
Oct. 06, 2020 V.1
More results

Similar Description - B8050

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7669 EPCOS-B7669 Datasheet
182Kb / 13P
SAW Duplexer Cellular / WCDMA band V
B7670 EPCOS-B7670 Datasheet
182Kb / 13P
SAW Duplexer Cellular / WCDMA band V
B7671 EPCOS-B7671 Datasheet
111Kb / 13P
SAW Duplexer Cellular / WCDMA band V
B7699 EPCOS-B7699 Datasheet
132Kb / 14P
SAW Duplexer for W-CDMA Band IV / CDMA 1x AWS Band
B7923 EPCOS-B7923 Datasheet
347Kb / 16P
SAW Duplexer Cellular / WCDMA Band V
B7959 EPCOS-B7959 Datasheet
160Kb / 15P
SAW Duplexer W-CDMA Band 4 / CDMA 1x AWS Band
B8553 EPCOS-B8553 Datasheet
226Kb / 16P
SAW Duplexer Cellular / WCDMA Band V
B39881B7654P810 EPCOS-B39881B7654P810 Datasheet
254Kb / 13P
SAW Duplexer W-CDMA Band 5 / CDMA 800
logo
Transko Electronics, In...
TD8388BC1 TRANSKO-TD8388BC1 Datasheet
595Kb / 5P
CDMA SAW Duplexer
Revision 1: November 2008
TD8388BC2 TRANSKO-TD8388BC2 Datasheet
630Kb / 5P
CDMA SAW Duplexer
Revision 1: November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com