Electronic Components Datasheet Search
  English  ▼

X  

B8050 Datasheet(PDF) 4 Page - EPCOS

Part # B8050
Description  SAW Components SAW Duplexer W-CDMA Band 5 (Cellular)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B8050 Datasheet(HTML) 4 Page - EPCOS

  B8050 Datasheet HTML 1Page - EPCOS B8050 Datasheet HTML 2Page - EPCOS B8050 Datasheet HTML 3Page - EPCOS B8050 Datasheet HTML 4Page - EPCOS B8050 Datasheet HTML 5Page - EPCOS B8050 Datasheet HTML 6Page - EPCOS B8050 Datasheet HTML 7Page - EPCOS B8050 Datasheet HTML 8Page - EPCOS B8050 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
April 28, 2008
B8050
836.5 / 881.5 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data Sheet
Characteristics
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
Antenna terminating impedance:
ZAnt =
50
Ω || 8.2 nH
RX terminating impedance:
ZRx =
50
Ω
TX terminating impedance:
ZTx =
50
Ω
Characterisitcs ANT-RX
min.
typ.
@ 25 ˚C
max.
Center frequency
fc
881.5
MHz
Maximum insertion attenuation
α
max
869.0
...
894.0
MHz
2.2
2.9
dB
Amplitude ripple (p-p)
∆α
869.0
...
894.0
MHz
1.0
1.7
dB
Error Vector Magnitude1)
1) Error Vector Magnitude (EVM) based on definition given in 3GPP TS 25.141
EVM
871.4
...
891.6
MHz
3.3
4.0
%
Input VSWR (ANT port)
869.0
...
894.0
MHz
1.7
2.0
Output VSWR (RX port)
869.0
...
894.0
MHz
1.9
2.3
IMR Product Level Limits
at RX frequencies (869 ... 894 MHz)2)
2) Level at RX port relative to blocker power at ANT port (see page 7 for measurement setup)
IMR
Blocker
779.0
...
804.0
MHz
-92
-88
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com