Electronic Components Datasheet Search
  English  ▼

X  

CS7054 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CS7054
Description  Low Side PWM FET Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS7054 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CS7054 Datasheet HTML 4Page - ON Semiconductor CS7054 Datasheet HTML 5Page - ON Semiconductor CS7054 Datasheet HTML 6Page - ON Semiconductor CS7054 Datasheet HTML 7Page - ON Semiconductor CS7054 Datasheet HTML 8Page - ON Semiconductor CS7054 Datasheet HTML 9Page - ON Semiconductor CS7054 Datasheet HTML 10Page - ON Semiconductor CS7054 Datasheet HTML 11Page - ON Semiconductor CS7054 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CS7054
http://onsemi.com
9
PACKAGE DIMENSIONS
DIP–14
N SUFFIX
CASE 646–04
ISSUE M
17
14
8
B
A
F
HG
D
K
C
L
M
SEATING
PLANE
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.715
0.740
18.16
18.80
B
0.240
0.260
6.10
6.60
C
0.160
0.180
4.06
4.57
D
0.015
0.020
0.38
0.51
F
0.040
0.060
1.02
1.52
G
0.100 BSC
2.54 BSC
H
0.052
0.072
1.32
1.83
J
0.008
0.012
0.20
0.30
K
0.115
0.135
2.92
3.43
L
M
---
10
---
10
N
0.020
0.040
0.51
1.02
__
N
–T–
14 PL
M
0.13 (0.005)
J
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
0.290
0.310
7.37
7.87
SO–16L
DW SUFFIX
CASE 751G–03
ISSUE B
D
14X
B
16X
SEATING
PLANE
S
A
M
0.25
B S
T
16
9
8
1
B
A
e
T
C
q
NOTES:
1. DIMENSIONS ARE IN MILLIMETERS.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
3. DIMENSIONS D AND E DO NOT INLCUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.13 TOTAL IN EXCESS
OF THE B DIMENSION AT MAXIMUM MATERIAL
CONDITION.
DIM
MIN
MAX
MILLIMETERS
A
2.35
2.65
A1
0.10
0.25
B
0.35
0.49
C
0.23
0.32
D
10.15
10.45
E
7.40
7.60
e
1.27 BSC
H
10.05
10.55
h
0.25
0.75
L
0.50
0.90
q
0
7
_
_
PACKAGE THERMAL DATA
Parameter
DIP–14
SO–16L
Unit
RΘJC
Typical
48
23
°C/W
RΘJA
Typical
85
105
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com