Electronic Components Datasheet Search
  English  ▼

X  

CS7054 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS7054
Description  Low Side PWM FET Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS7054 Datasheet(HTML) 2 Page - ON Semiconductor

  CS7054 Datasheet HTML 1Page - ON Semiconductor CS7054 Datasheet HTML 2Page - ON Semiconductor CS7054 Datasheet HTML 3Page - ON Semiconductor CS7054 Datasheet HTML 4Page - ON Semiconductor CS7054 Datasheet HTML 5Page - ON Semiconductor CS7054 Datasheet HTML 6Page - ON Semiconductor CS7054 Datasheet HTML 7Page - ON Semiconductor CS7054 Datasheet HTML 8Page - ON Semiconductor CS7054 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CS7054
http://onsemi.com
2
Figure 1. Application Diagram
VCC
PGND
INH
IADJ
ISENSE+
ISENSE–
VREG
OUTPUT
GND
FLT
COSC
ROSC
CTL
NC
CS7054
VBAT
42.5
µH
1000
µF
1000
µF
CFLT
0.25
µF
COSC
390 pF
ROSC
105 k
PWM
Input
10 k
10 k
10 k
N1
P1
10 k
100 k
10
µF
RS
51
10
µF0.01 µF
RGATE
6
1.0 M
MOT+
MOT–
RCS1
51
Ω
CCS
0.022
µF
RCS2
51
Ω
RSENSE
4.0 m
Ω
10 k
10 k
10 k
ABSOLUTE MAXIMUM RATINGS*
Rating
Value
Unit
Storage Temperature
–65 to 150
°C
VCC
–0.3 to 30
V
Supply Voltage Range (Load Dump = 26 V w/Series 51
Ω Resistor) VCC Peak Transient Voltage
40
V
Input Voltage Range (at any input)
–0.3 to 10
V
Maximum Junction Temperature
150
°C
ESD Susceptibility (Human Body Model)
2.0
kV
Lead Temperature Soldering
Wave Solder (through hole styles only) Note 1.
Reflow (SMD styles only) Note 2.
260 peak
230 peak
°C
°C
1. 10 seconds max.
2. 60 seconds max above 183
°C
*The maximum package power dissipation must be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com