Electronic Components Datasheet Search
  English  ▼

X  

TL103WA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL103WA
Description  TL103Wx Dual Operational Amplifiers With Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL103WA Datasheet(HTML) 3 Page - Texas Instruments

  TL103WA Datasheet HTML 1Page - Texas Instruments TL103WA Datasheet HTML 2Page - Texas Instruments TL103WA Datasheet HTML 3Page - Texas Instruments TL103WA Datasheet HTML 4Page - Texas Instruments TL103WA Datasheet HTML 5Page - Texas Instruments TL103WA Datasheet HTML 6Page - Texas Instruments TL103WA Datasheet HTML 7Page - Texas Instruments TL103WA Datasheet HTML 8Page - Texas Instruments TL103WA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
5 Pin Configuration and Functions
V
CC+
1OUT
+
-
1
2
3
4
8
7
6
5
1IN+
1IN–
2IN+
2IN–
2OUT
V
REF
OP
AMP 1
+
-
OP
AMP 2
V
CC-
Figure 5-1. D and DDF Packages,
8-Pin SOIC and SOT-23-THN
(Top View)
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
1OUT
1
O
Opamp 1 output
1IN–
2
I
Opamp 1 inverting input
1IN+
3
I
Opamp 1 non-inverting input and Shunt reference cathode terminal
VCC–
4
I
Negative Supply Voltage
2IN+
5
I
Opamp 2 non-inverting input
2IN–
6
I
Opamp 2 inverting input
2OUT
7
O
Opamp 2 output
VCC+
8
I
Positive Supply Voltage
(1)
I = input, O = output
www.ti.com
TL103W, TL103WA, TL103WB
SLOS437N – APRIL 2004 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TL103W TL103WA TL103WB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com