Electronic Components Datasheet Search
  English  ▼

X  

TL103WA Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TL103WA
Description  TL103Wx Dual Operational Amplifiers With Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL103WA Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL103WA Datasheet HTML 3Page - Texas Instruments TL103WA Datasheet HTML 4Page - Texas Instruments TL103WA Datasheet HTML 5Page - Texas Instruments TL103WA Datasheet HTML 6Page - Texas Instruments TL103WA Datasheet HTML 7Page - Texas Instruments TL103WA Datasheet HTML 8Page - Texas Instruments TL103WA Datasheet HTML 9Page - Texas Instruments TL103WA Datasheet HTML 10Page - Texas Instruments TL103WA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
6.6 Electrical Characteristics: OP AMP2 (Independent Amplifier) (continued)
VCC+ = 5 V, VCC- = GND, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
ICC
Total supply current, excluding
cathode-current reference (both
amplifiers)
VCC+ = 5 V, no load
TL103W/TL103WA
0.7
1.2
mA
VCC+ = 30 V, no load
Full range
2
VCC+ = 5 V, no load
TL103WB
0.6
0.92
VCC+ = 30 V, no load
Full range
1.6
(1)
Specified by characterization only
www.ti.com
TL103W, TL103WA, TL103WB
SLOS437N – APRIL 2004 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TL103W TL103WA TL103WB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com