Electronic Components Datasheet Search
  English  ▼

X  

TL331LV Datasheet(PDF) 24 Page - Texas Instruments

Part # TL331LV
Description  TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL331LV Datasheet(HTML) 24 Page - Texas Instruments

Back Button TL331LV Datasheet HTML 20Page - Texas Instruments TL331LV Datasheet HTML 21Page - Texas Instruments TL331LV Datasheet HTML 22Page - Texas Instruments TL331LV Datasheet HTML 23Page - Texas Instruments TL331LV Datasheet HTML 24Page - Texas Instruments TL331LV Datasheet HTML 25Page - Texas Instruments TL331LV Datasheet HTML 26Page - Texas Instruments TL331LV Datasheet HTML 27Page - Texas Instruments TL331LV Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
R1
R2
VA1
R3*
VO High
+VCC
* R3 = R3 + RPU
R2
VA2
R3
VO Low
+VCC
R1
Figure 8-4. Inverting Configuration Resistor Equivalent Networks
When VIN is less than VA, the output voltage is high (for simplicity, assume VO switches as high as VCC). The
three network resistors can be represented as R1 || R3 in series with R2, as shown in Figure 8-4.
Equation 1 below defines the high-to-low trip voltage (VA1).
V
= V
A1
CC
´
R2
(R1 || R3) + R2
(1)
When VIN is greater than VA, the output voltage is low. In this case, the three network resistors can be presented
as R2 || R3 in series with R1, as shown in Equation 2.
Use Equation 2 to define the low to high trip voltage (VA2).
V
= V
A2
CC
´
R2 || R3
R1 + (R2 || R3)
(2)
Equation 3 defines the total hysteresis provided by the network.
D
-
V = V
V
A
A1
A2
(3)
8.1.2.2 Non-Inverting Comparator With Hysteresis
A noninverting comparator with hysteresis requires a two-resistor network and a voltage reference (VREF) at the
inverting input, as shown in Figure 8-5,
+VCC
+5 V
VREF 2.5 V
R2
1 0Ÿ
+
±
R1
330 NŸ
VO
VA
RPU
5 V
0 V
VIN2
VIN1
VO
1.675 V
3.325 V
VIN
VIN
Figure 8-5. Non-Inverting Configuration With Hysteresis
The equivalent resistor networks when the output is high and low are shown in Figure 8-6 Note that RPU should
be considered in series with R2 when the output is high. RPU should be at least 10x less than R2.
TL331LV, TL391LV, LM393LV, LM339LV
SNOSDA4C – JUNE 2020 – REVISED MARCH 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TL331LV TL391LV LM393LV LM339LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com