Electronic Components Datasheet Search
  English  ▼

X  

TL331LV Datasheet(PDF) 32 Page - Texas Instruments

Part # TL331LV
Description  TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL331LV Datasheet(HTML) 32 Page - Texas Instruments

Back Button TL331LV Datasheet HTML 28Page - Texas Instruments TL331LV Datasheet HTML 29Page - Texas Instruments TL331LV Datasheet HTML 30Page - Texas Instruments TL331LV Datasheet HTML 31Page - Texas Instruments TL331LV Datasheet HTML 32Page - Texas Instruments TL331LV Datasheet HTML 33Page - Texas Instruments TL331LV Datasheet HTML 34Page - Texas Instruments TL331LV Datasheet HTML 35Page - Texas Instruments TL331LV Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
8.2.9 Pulse Slicer
A Pulse Slicer is a variation of the Zero Crossing Detector and is used to detect the zero crossings on an input
signal with a varying baseline level. This circuit works best with symmetrical waveforms. The RC network of R1
and C1 establishes an mean reference voltage VREF, which tracks the mean amplitude of the VIN signal. The
noninverting input is directly connected to VREF through R2. R2 and R3 are used to produce hysteresis to keep
transitions free of spurious toggles. The time constant is a tradeoff between long-term symmetry and response
time to changes in amplitude.
If the waveform is data, it is recommended that the data be encoded in NRZ (Non-Return to Zero) format
to maintain proper average baseline. Asymmetrical inputs may suffer from timing distortions caused by the
changing VREF average voltage.
+
±
10M
470 k
470 k
0.01 F
Output
R1
R2
R3
C1
U1
VREF
VIN
VPU
RPU
Figure 8-18. Pulse Slicer
For this design, follow these design requirements:
• The RC constant value (R2 and C1) must support the targeted data rate in order to maintain a valid tripping
threshold.
• The hysteresis introduced with R2 and R43 helps to avoid spurious output toggles.
Figure 8-19 shows the results of a 9600 baud data signal riding on a varying baseline.
V
OUT
V
IN
V
REF
1.8 V
1.2 V
4.0 V
0.0 V
1.61 V
1.58 V
Time
0.0
200.0 u
400.0 u
600.0 u
800.0 u
Figure 8-19. Pulse Slicer Waveforms
TL331LV, TL391LV, LM393LV, LM339LV
SNOSDA4C – JUNE 2020 – REVISED MARCH 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TL331LV TL391LV LM393LV LM339LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com