Electronic Components Datasheet Search
  English  ▼

X  

CS51313GD16 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CS51313GD16
Description  Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51313GD16 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CS51313GD16 Datasheet HTML 5Page - ON Semiconductor CS51313GD16 Datasheet HTML 6Page - ON Semiconductor CS51313GD16 Datasheet HTML 7Page - ON Semiconductor CS51313GD16 Datasheet HTML 8Page - ON Semiconductor CS51313GD16 Datasheet HTML 9Page - ON Semiconductor CS51313GD16 Datasheet HTML 10Page - ON Semiconductor CS51313GD16 Datasheet HTML 11Page - ON Semiconductor CS51313GD16 Datasheet HTML 12Page - ON Semiconductor CS51313GD16 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
CS51313
http://onsemi.com
9
APPLICATIONS INFORMATION
THEORY OF OPERATION
V2 Control Method
The V2 method of control uses a ramp signal that is
generated by the ESR of the output capacitors. This ramp is
proportional to the AC current through the main inductor
and is offset by the value of the DC output voltage. This
control scheme inherently compensates for variation in
either line or load conditions, since the ramp signal is
generated from the output voltage itself. This control
scheme differs from traditional techniques such as voltage
mode, which generates an artificial ramp, and current mode,
which generates a ramp from inductor current.
The V2 control method is illustrated in Figure 8. The
output voltage is used to generate both the error signal and
the ramp signal. Since the ramp signal is simply the output
voltage, it is affected by any change in the output regardless
of the origin of that change. The ramp signal also contains
the DC portion of the output voltage, which allows the
control circuit to drive the main switch to 0% or 100% duty
cycle as required.
Figure 8. V2 Control Diagram
+
−
−
+
C
E
PWM
Comparator
Ramp Signal
COMP
Error
Amplifier
Error
Signal
Reference
Voltage
Output
Voltage
Feedback
VFB
GATE(H)
GATE(L)
A change in line voltage changes the current ramp in the
inductor, affecting the ramp signal, which causes the V2
control scheme to compensate the duty cycle. Since the
change in inductor current modifies the ramp signal, as in
current mode control, the V2 control scheme has the same
advantages in line transient response.
A change in load current will have an affect on the output
voltage, altering the ramp signal. A load step immediately
changes the state of the comparator output, which controls
the main switch. Load transient response is determined only
by the comparator response time and the transition speed of
the main switch. The reaction time to an output load step has
no relation to the crossover frequency of the error signal
loop, as in traditional control methods.
The error signal loop can have a low crossover frequency,
since transient response is handled by the ramp signal loop.
The main purpose of this ‘slow’ feedback loop is to provide
DC accuracy. Noise immunity is significantly improved,
since the error amplifier bandwidth can be rolled off at a low
frequency. Enhanced noise immunity improves remote
sensing of the output voltage, since the noise associated with
long feedback traces can be effectively filtered.
Line and load regulation are drastically improved because
there are two independent voltage loops. A voltage mode
controller relies on a change in the error signal to
compensate for a deviation in either line or load voltage.
This change in the error signal causes the output voltage to
change corresponding to the gain of the error amplifier,
which is normally specified as line and load regulation.
A current mode controller maintains fixed error signal
under deviation in the line voltage, since the slope of the
ramp signal changes, but still relies on a change in the error
signal for a deviation in load. The V2 method of control
maintains a fixed error signal for both line and load
variation, since the ramp signal is affected by both line and
load.
Constant Off−Time
To minimize transient response, the CS51313 uses a
Constant Off−Time method to control the rate of output
pulses. During normal operation, the Off−Time of the high
side switch is terminated after a fixed period, set by the COFF
capacitor. Every time the VFB pin exceeds the COMP pin
voltage an Off−Time is initiated. To maintain regulation, the
V2 Control Loop varies switch On−Time. The PWM
comparator monitors the output voltage ramp, and
terminates the switch On−Time.
Constant Off−Time provides a number of advantages.
Switch Duty Cycle can be adjusted from 0 to 100% on a
pulse−by pulse basis when responding to transient
conditions. Both 0% and 100% Duty Cycle operation can be
maintained for extended periods of time in response to Load
or Line transients.
Programmable Output
The CS51313 is designed to provide two methods for
programming the output voltage of the power supply. A five
bit on board digital to analog converter (DAC) is used to
program the output voltage within two different ranges. The
first range is 2.125 V to 3.525 V in 100 mV steps, the second
is 1.325 V to 2.075 V in 50 mV steps, depending on the
digital input code. If all five bits are left open, the CS51313
enters adjust mode. In adjust mode, the designer can choose
any output voltage by using resistor divider feedback to the
VFB pin, as in traditional controllers. The CS51313 is
specifically designed to meet or exceed Intel’s Pentium II
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com