Electronic Components Datasheet Search
  English  ▼

X  

CS51313GD16 Datasheet(PDF) 22 Page - ON Semiconductor

Part # CS51313GD16
Description  Synchronous CPU Buck Controller Capable of Implementing Multiple Linear Regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51313GD16 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button CS51313GD16 Datasheet HTML 15Page - ON Semiconductor CS51313GD16 Datasheet HTML 16Page - ON Semiconductor CS51313GD16 Datasheet HTML 17Page - ON Semiconductor CS51313GD16 Datasheet HTML 18Page - ON Semiconductor CS51313GD16 Datasheet HTML 19Page - ON Semiconductor CS51313GD16 Datasheet HTML 20Page - ON Semiconductor CS51313GD16 Datasheet HTML 21Page - ON Semiconductor CS51313GD16 Datasheet HTML 22Page - ON Semiconductor CS51313GD16 Datasheet HTML 23Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
CS51313
http://onsemi.com
22
9.Place the switching MOSFET as close to the +5.0 V
input capacitors as possible.
10. Place the output capacitors as close to the load as
possible.
11. Place the VFB, VOUT filter resistors (510 Ω) in series
with the VFB and VOUT pins as close as possible to the
pins.
12. Place the COFF and COMP capacitors as close as
possible to the COFF and COMP pins.
13. Place the current limit filter capacitor between the
VFB and VOUT pins, as close as possible to the pins.
14. Connect the filter components of the following pins:
VFB, VOUT, COFF, and COMP to the GND pin with a
single trace, and connect this local GND trace to the
output capacitor GND.
15. The “Droop” Resistor (embedded PCB trace) has to
be wide enough to carry the full load current.
16. Place the VCC bypass capacitor as close as possible to
the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com