Electronic Components Datasheet Search
  English  ▼

X  

LM385B Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM385B
Description  Micropower Voltage Reference Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM385B Datasheet(HTML) 2 Page - ON Semiconductor

  LM385B Datasheet HTML 1Page - ON Semiconductor LM385B Datasheet HTML 2Page - ON Semiconductor LM385B Datasheet HTML 3Page - ON Semiconductor LM385B Datasheet HTML 4Page - ON Semiconductor LM385B Datasheet HTML 5Page - ON Semiconductor LM385B Datasheet HTML 6Page - ON Semiconductor LM385B Datasheet HTML 7Page - ON Semiconductor LM385B Datasheet HTML 8Page - ON Semiconductor LM385B Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LM285, LM385B
http://onsemi.com
2
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Current
IR
30
mA
Forward Current
IF
10
mA
Operating Ambient Temperature Range
LM285
LM385
TA
−40 to +85
0 to +70
°C
Operating Junction Temperature
TJ
+150
°C
Storage Temperature Range
Tstg
−65 to + 150
°C
Electrostatic Discharge Sensitivity (ESD)
Human Body Model (HBM)
Machine Model (MM)
Charged Device Model (CDM)
ESD
4000
400
2000
V
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted)
Characteristic
Symbol
LM285−1.2
LM385−1.2/LM385B−1.2
Unit
Min
Typ
Max
Min
Typ
Max
Reverse Breakdown Voltage (IRmin v IR v 20 mA)
LM285−1.2/LM385B−1.2
TA = Tlow to Thigh (Note 1)
LM385−1.2
TA = Tlow to Thigh (Note 1)
V(BR)R
1.223
1.200
−
−
1.235
−
−
−
1.247
1.270
−
−
1.223
1.210
1.205
1.192
1.235
−
1.235
−
1.247
1.260
1.260
1.273
V
Minimum Operating Current
TA = 25°C
TA = Tlow to Thigh (Note 1)
IRmin
−
−
8.0
−
10
20
−
8.0
−
15
20
mA
Reverse Breakdown Voltage Change with Current
IRmin v IR v 1.0 mA, TA = +25°C
TA = Tlow to Thigh (Note 1)
1.0 mA
v IR v 20 mA, TA = +25°C
TA = Tlow to Thigh (Note 1)
DV(BR)R
−
−
−
−
−
−
−
−
1.0
1.5
10
20
−
−
−
−
−
−
−
−
1.0
1.5
20
25
mV
Reverse Dynamic Impedance
IR = 100 mA, TA = +25°C
Z
−
0.6
−
−
0.6
−
W
Average Temperature Coefficient
10
mA v IR v 20 mA, TA = Tlow to Thigh (Note 1)
DV(BR)/DT
−
80
−
−
80
−
ppm/
°C
Wideband Noise (RMS)
IR = 100 mA, 10 Hz v f v 10 kHz
n
−
60
−
−
60
−
mV
Long Term Stability
IR = 100 mA, TA = +25°C ± 0.1°C
S
−
20
−
−
20
−
ppm/kHR
Reverse Breakdown Voltage (IRmin v IR v 20 mA)
LM285−2.5/LM385B−2.5
TA = Tlow to Thigh (Note 1)
LM385−2.5
TA = Tlow to Thigh (Note 1)
V(BR)R
2.462
2.415
−
−
2.5
−
−
−
2.538
2.585
−
−
2.462
2.436
2.425
2.400
2.5
−
2.5
−
2.538
2.564
2.575
2.600
V
Minimum Operating Current
TA = 25°C
TA = Tlow to Thigh (Note 1)
IRmin
−
−
13
−
20
30
−
−
13
−
20
30
mA
1. Tlow
= −40
°C for LM285−1.2, LM285−2.5
Thigh = +85°C for LM285−1.2, LM285−2.5
Tlow
= 0
°C for LM385−1.2, LM385B−1.2, LM385−2.5, LM385B−2.5
Thigh =+70°C for LM385−1.2, LM385B−1.2, LM385−2.5, LM385B−2.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com