Electronic Components Datasheet Search
  English  ▼

X  

LM385B Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM385B
Description  Micropower Voltage Reference Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM385B Datasheet(HTML) 3 Page - ON Semiconductor

  LM385B Datasheet HTML 1Page - ON Semiconductor LM385B Datasheet HTML 2Page - ON Semiconductor LM385B Datasheet HTML 3Page - ON Semiconductor LM385B Datasheet HTML 4Page - ON Semiconductor LM385B Datasheet HTML 5Page - ON Semiconductor LM385B Datasheet HTML 6Page - ON Semiconductor LM385B Datasheet HTML 7Page - ON Semiconductor LM385B Datasheet HTML 8Page - ON Semiconductor LM385B Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LM285, LM385B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted)
Characteristic
Symbol
LM285−1.2
LM385−1.2/LM385B−1.2
Unit
Min
Typ
Max
Min
Typ
Max
Reverse Breakdown Voltage Change with Current
IRmin v IR v 1.0 mA, TA = +25°C
TA = Tlow to Thigh (Note 2)
1.0 mA
v IR v 20 mA, TA = +25°C
TA = Tlow to Thigh (Note 2)
DV(BR)R
−
−
−
−
−
−
−
−
1.0
1.5
10
20
−
−
−
−
−
−
−
−
2.0
2.5
20
25
mV
Reverse Dynamic Impedance
IR = 100 mA, TA = +25°C
Z
−
0.6
−
−
0.6
−
W
Average Temperature Coefficient
20
mA v IR v 20 mA, TA = Tlow to Thigh (Note 2)
DV(BR)/DT
−
80
−
−
80
−
ppm/
°C
Wideband Noise (RMS)
IR = 100 mA, 10 Hz v f v 10 kHz
n
−
120
−
−
120
−
mV
Long Term Stability
IR = 100 mA, TA = +25°C ± 0.1°C
S
−
20
−
−
20
−
ppm/kHR
2. Tlow
= −40
°C for LM285−1.2, LM285−2.5
Thigh = +85°C for LM285−1.2, LM285−2.5
Tlow
= 0
°C for LM385−1.2, LM385B−1.2, LM385−2.5, LM385B−2.5
Thigh =+70°C for LM385−1.2, LM385B−1.2, LM385−2.5, LM385B−2.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com